Electronic Components Datasheet Search
  English  ▼

X  

SR13 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SR13
Description  SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SR13 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SR13 Datasheet HTML 1Page - Mospec Semiconductor SR13 Datasheet HTML 2Page - Mospec Semiconductor SR13 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
C A
G
F
E
H
H
D


Similar Part No. - SR13

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR13 JINANJINGHENG-SR13 Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
AVX Corporation
SR13 AVX-SR13 Datasheet
177Kb / 4P
Radial Leads/SkyCap /SR Series
logo
Jinan Jing Heng Electro...
SR13 JINGHENG-SR13 Datasheet
65Kb / 2P
Schottky Barrier Rectifier
logo
Won-Top Electronics
SR130 WTE-SR130 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR130 RECTRON-SR130 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
More results

Similar Description - SR13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR202 MOSPEC-SR202 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR302 MOSPEC-SR302 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR32 MOSPEC-SR32 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com