Electronic Components Datasheet Search
  English  ▼

X  

FL596 Datasheet(PDF) 1 Page - Faraday Technology

Part # FL596
Description  PRACTICAL 601 FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FL596 Datasheet(HTML) 1 Page - Faraday Technology

  FL596 Datasheet HTML 1Page - Faraday Technology FL596 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara100d
Page 1 of 2
Sep-05(B)
In many 4:2:2 YUV format A-D and D-A video interface applications operating at standard
sampling rates of 13.5 MHz for the luminance (Y) channel and 6.75 MHz for the Colour Difference
(U and V) channels a filter meeting the full requirements of Rec. ITU-R BT. 601-5 should be
specified but cost may be prohibitive. Practical 601 filters allow a small compromise in
performance resulting in significant cost savings which may be acceptable.
• Choice of package format to suit requirement
• Flat and Sinx/x versions
• Tight passband ripple specification
• Aqueously washable versions available
Filter type
Luminance Pre
Luminance Post
Chrominance Pre
Chrominance Post
Passband Shape
Flat
Sinx/x
Flat
Sinx/x
Impedance (ohms)
75
75
75
75
Sampling Frequency
13.50 MHz
13.50 MHz
6.75 MHz
6.75 MHz
Insertion loss at 100 kHz
< 1.5 dB
< 4.5 dB
< 1.5 dB
< 4.5 dB
End of Passband
5.50 MHz
5.50 MHz
2.20 MHz
2.2 MHz
Amplitude ripple (dB)
< 0.05 to 5.25 MHz
< 0.05
1 to 5.25 MHz
<± 0.050 to 2.20 MHz
<± 0.050
2 to 2.20 MHz
wrt 100 kHz
< 0.10 to 5.50 MHz
< 0.10
1 to 5.50 MHz
Delay time at 200 kHz
550 ± 5 ns
556 ± 5 ns
1051 ± 5 ns
1060 ± 7 ns
Group delay ripple
< 6 ns to 5.50 MHz
< 6 ns to 5.50 MHz
<± 6 ns to 2.20 MHz
<± 6 ns to 2.20 MHz
wrt delay at 200 kHz
<±12 ns to 2.40 MHz
<± 12 ns to 2.40 MHz
Attenuation at
1/
2 S.F.
> 12 dB
> 12 dB
1
> 6 dB
> 6 dB
2
wrt loss at 100 kHz
Start of stopband
8.00 MHz
8.00 MHz
4.00 MHz
4.00 MHz
Stopband attenuation
> 40 dB
> 40 dB
> 40 dB
> 40 dB
wrt loss at end of passband
Type number
FL594
FL595
FL596
FL597
DR00024B package
Type number
FL400
FL470
FL423
FL471
DR00003A package
1Measured against sinx/x roll-off for a sampling frequency of 13.5 MHz.
2Measured against sinx/x roll-off for a sampling frequency of 6.75 MHz.
PRACTICAL 601 FILTERS
YUV ANTIALISING


Similar Part No. - FL596

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
FL591 WAVELENGTH-FL591 Datasheet
1Mb / 18P
Laser Diode Driver
August 2020
FL591FL WAVELENGTH-FL591FL Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
FL591FL WAVELENGTH-FL591FL Datasheet
1Mb / 14P
Single 500 mA or Dual 250 mA Channel Laser Diode Driver
July 2025
FL593FL WAVELENGTH-FL593FL Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
More results

Similar Description - FL596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
DB Lectro Inc
BS-601 DBLECTRO-BS-601 Datasheet
72Kb / 1P
BS-601
logo
Faraday Technology
LT601F0575 FARADAY-LT601F0575 Datasheet
116Kb / 3P
CCIR REC.601 FILTERS
601F0575 FARADAY-601F0575 Datasheet
81Kb / 2P
ITU-R BT. 601 FILTERS
601F0767 FARADAY-601F0767 Datasheet
44Kb / 2P
601 FILTERS
L601F0575 FARADAY-L601F0575 Datasheet
115Kb / 2P
CCIR REC.601 FILTERS
L601F0767 FARADAY-L601F0767 Datasheet
50Kb / 2P
CCIR REC.601 FILTERS
ULF FARADAY-ULF Datasheet
51Kb / 3P
CCIR REC.601 FILTERS
logo
Varitronix internationa...
VI-601 VARITRONIX-VI-601 Datasheet
29Kb / 1P
VI-601
logo
Fairchild Semiconductor
AN-7517 FAIRCHILD-AN-7517 Datasheet
109Kb / 8P
Practical Aspects
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com