Electronic Components Datasheet Search
  English  ▼

X  

FG040 Datasheet(PDF) 1 Page - Faraday Technology

Part # FG040
Description  GAUSSIAN FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FG040 Datasheet(HTML) 1 Page - Faraday Technology

  FG040 Datasheet HTML 1Page - Faraday Technology FG040 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara111d
Page 1 of 2
Jan-00(B)
This range of Low Pass Gaussian Filters is intended for pulse shaping and bandwidth limitation
without time domain ringing. The standard range of filters are packaged in an 8 pin 0.3” low profile
DIP module as per DR00068A. Please consult the factory for different packaging, impedance and
frequency requirements. Filters are aqueous washable.
Applications
ο T.V. Sync. Pulse Shaping
ο Data Bit Pulse Shaping
ο Bandwidth limitation of Video U and V channels ο Production of test pulses
3 dB Frequency
17 dB Frequency
Nominal Delay
Nominal Risetime
Part No
MHz
MHz
ns
Ns
0.5
1.32
736
690
FG005*
1.0
2.65
368
345
FG010*
1.5
3.97
245
230
FG015*
2.0
5.30
184
173
FG020*
2.5
6.62
147
138
FG025*
3.0
7.95
123
115
FG030*
3.5
9.27
105
99
FG035*
4.0
10.60
92
86
FG040*
4.5
11.92
82
77
FG045*
5.0
13.24
74
69
FG050*
5.5
14.57
67
63
FG055*
6.0
15.90
61
58
FG060*
6.5
17.22
57
53
FG065*
7.0
18.54
53
49
FG070*
7.5
19.87
49
46
FG075*
8.0
21.19
46
43
FG080*
8.5
22.52
43
41
FG085*
9.0
23.84
41
38
FG090*
9.5
25.17
39
36
FG095*
10.0
26.49
37
35
FG100*
10.5
27.82
35
33
FG105*
11.0
29.14
33
31
FG110*
11.5
30.47
32
30
FG115*
12.0
31.79
31
29
FG120*
The standard impedances are 75
Ω and 510 Ω. Use suffix ‘A’ for 75 ohm and ‘B’ for 510 ohm
eg FG020A is 75
Ω gaussian with 3 dB frequency of 2.0 MHz.
GAUSSIAN FILTERS


Similar Part No. - FG040

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
FG031 ITF-FG031 Datasheet
312Kb / 7P
SAW Bandpass Filter
2005-12-08
FG081 ITF-FG081 Datasheet
1Mb / 7P
SAW Bandpass Filter FG081
logo
NEC
FG0H103ZF NEC-FG0H103ZF Datasheet
476Kb / 39P
Super Capacitors
logo
Kemet Corporation
FG0H103ZF KEMET-FG0H103ZF Datasheet
52Kb / 1P
Supercapacitors, Radial Pin, Commercial Grade, FG, 0.01 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
logo
NEC
FG0H104ZF NEC-FG0H104ZF Datasheet
476Kb / 39P
Super Capacitors
More results

Similar Description - FG040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR-200 ETC-CR-200 Datasheet
133Kb / 2P
Gaussian shaping amplifier
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GA00S0-R0 MURATA-SFECF10M7GA00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GF00S0-R0 MURATA-SFECF10M7GF00S0-R0_17 Datasheet
224Kb / 3P
Filters
SFECF10M7HA00-R0 MURATA-SFECF10M7HA00-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7HF00-R0 MURATA-SFECF10M7HF00-R0_17 Datasheet
223Kb / 3P
Filters
SFECK10M7JA00S0-R0 MURATA-SFECK10M7JA00S0-R0_17 Datasheet
217Kb / 3P
Filters
SFSKA5M50CF00-R3 MURATA-SFSKA5M50CF00-R3_17 Datasheet
214Kb / 3P
Filters
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1_17 Datasheet
223Kb / 3P
Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com