Electronic Components Datasheet Search
  English  ▼

X  

SF61G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SF61G
Description  SUPER FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SF61G Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SF61G Datasheet HTML 1Page - MIC GROUP RECTIFIERS SF61G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 400 Volts
SF61G THRU SF66G
CURRENT
6.0 Ampere
FEATURES
•
Super fast switching speed
•
Glass passivated chip junction
•
Low power loss, high efficiency
•
Low leakage
•
High Surge Capacity
•
High temperature soldering guaranteed
260℃/10 seconds, 0.375″(9.5mm) lead length
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.07ounce, 2.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SF
61G
SF
62G
SF
63G
SF
64G
SF
65G
SF
66G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
Volts
Maximum DC Blocking Voltage
VDC
50
100
100
200
300
400
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA=55℃
I(AV)
6.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Instantaneous Forward Voltage at 6.0A
VF
0.95
1.25
Volts
TA = 25℃
5.0
Maximum DC Reverse Current
at rated DC blocking Voltage at
TA = 125℃
IR
50
µA
Maximum Reverse Recovery Time
Test conditions lF= 0.5A, lR= 1.0A, lRR=0.25A
trr
35
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
50
30
pF
Typical Thermal Resistance (NOTE 1)
RθJA
30
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Thermal Resistance from Junction to Ambient with 0.375″(9.5mm) lead length, PCB mounted.
DIA.
.052(1.3)
.048(1.2)
1.0(25.4)
MIN.
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
DIA.
Dimensions in inches and (millimeters)
R-6
.360(9.1)
.340(8.6)


Similar Part No. - SF61G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF61G TSC-SF61G Datasheet
67Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF61G JGD-SF61G Datasheet
173Kb / 2P
6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF61G TSC-SF61G Datasheet
261Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
SF61G TSC-SF61G Datasheet
585Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Leshan Radio Company
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
More results

Similar Description - SF61G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com