Electronic Components Datasheet Search
  English  ▼

X  

SF62G Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SF62G
Description  SUPER FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SF62G Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SF62G Datasheet HTML 1Page - MIC GROUP RECTIFIERS SF62G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SUPER FAST GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 400 Volts
SF61G THRU SF66G
CURRENT
6.0 Ampere
6.0
RATING AND CHRACTERISTIC CURVES SF61G THRU SF66G
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
T
jmax
40
20
10
2
150
100
50
1
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
50
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
0.375
″(9.5mm) Lead Length
4
68
1 Cycle
60
55
10
10
J
T =25
° C
80
40
100
1.2
J
T =25
° C
0.8
0.4
1% Duty Cycle
Pulse Width=300us
100
10
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1.0
REVERSE VOLTAGE,(V)
Vsig=50mVp-p
1.6
f=1MHz
T =25
° C
10
1.0
10
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
J
1.0
0.1
1.0
0.1
0.01
0.6
1.0
1.4
1.8
60
20
0
120
140
T =125
° C
J
50/100ns/cm
SET TIME BASE FOR
0
-1.0A
-0.25A
+0.5A
(+)
(-)
(-)
(approx.)
(+)
25 Vdc
10
Ω
NONINDUCTIVE
NONINDUCTIVE
50
Ω
(NOTE 1)
OSCILLOSCOPE
(NOTE 2)
GENERATIOR
PULSE
D.U.T.
INDUCTIVE
NON
1
Ω
2.Rise time=10ns max. Source Impedance=
50 ohms
1 magohm. 22pF
NOTES : 1.Rise Time=7ns mas. Input Impedance=
REVERSE RECOVERY TIME CHARACTERISTIC
F1G.6-TEST CIRCUIT DIAGRAM AND
1cm
Trr
0.01
100
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
5.0
3.0
1.0
4.0
2.0
SF61G-SF64G
SF65G-SF66G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com