Electronic Components Datasheet Search
  English  ▼

X  

SF161C Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SF161C
Description  SUPER FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SF161C Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SF161C Datasheet HTML 1Page - MIC GROUP RECTIFIERS SF161C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 400 Volts
SF161C THRU SF166C
CURRENT
16.0 Ampere
FEATURES
•
Super fast switching speed
•
Glass passivated chip junction
•
Low power loss, high efficiency
•
Low leakage
•
High surge capacity
•
High temperature soldering guaranteed
250℃/10 second, 0.16″(4.06mm) lead length
•
Also available with common Anode, add an “A” suffix,
i.e. SF161CA, add as a doubler, add a “D” suffix,
i.e. SF161CD
•
Also available in an isolated package, SFF161C
•
Also available in the single chip version, SF81
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Lead: Solderable per MIL-STD-202E method 208C
•
Polarity: as marked
•
Mounting position: Any, 5 in-lbs Torque Max
•
Weight: 0.08ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SF161C
SF162C
SF163C
SF164C
SF165C
SF166C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
16.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage per at 8.0A
VF
0.975
1.4
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage at
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
35
50
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
40
pF
Typical Thermal Resistance (Note 1)
RθJC
2.5
℃
/W
Operating Junction Temperature
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Unit mounted on heatsink
Dimensions in inches and (millimeters)
TO-220AB


Similar Part No. - SF161C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF161C RECTRON-SF161C Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes)
SF161C RECTRON-SF161C Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF161C EIC-SF161C Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
logo
Thinki Semiconductor Co...
SF161C THINKISEMI-SF161C Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF161CA THINKISEMI-SF161CA Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
More results

Similar Description - SF161C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com