Electronic Components Datasheet Search
  English  ▼

X  

LPR504 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # LPR504
Description  PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

LPR504 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  LPR504 Datasheet HTML 1Page - MIC GROUP RECTIFIERS LPR504 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
LPR501 THRU LPR506
CURRENT
50.0 Amperes
RATINGS AND CHARACTERISTIC CURVES LPR501 THRULPR506
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
AMBIENT TEMPERATURE, ()
℃
125
100
150
175
75
50
25
0
0
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0.375″(9.5mm) Lead Length
100
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
0.6
0.8
1.2
1.0
1.8
2.0
1.6
1.4
0.1
1.0
10
100
1000
INSTANTANEOUS FORWARD VOLTAGE,(V)
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
400
200
80
40
20
300
500
0
0
SQUARE WAVE
DC
AVERAGE FORWARD CURRENT, (A)
F1G.4 FORWARD ROWER DISSIPATION
10
600
50
30
80
50
30
20
30
40
50
60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com