Electronic Components Datasheet Search
  English  ▼

X  

SF86 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SF86
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SF86 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SF86 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SF86 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 400 Volts
SF81 THRU SF86
CURRENT
8.0 Ampere
FEATURES
•
Glass passivated chip junction
•
Low power loss, high efficiency
•
Low leakage
•
Super fast switching speed
•
High current capacity, high surge capacity
•
High temperature soldering guaranteed
•
200℃/10 second, 0.16″(4.06mm) lead length from case
•
Also available in reverse polarity, add the “R” Suffix, i.e. SF81R
•
Also available in isolated package under part number SFF81
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Color Band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.08ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SF81
SF82
SF83
SF84
SF85
SF86
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
Volts
Maximum Average Forward Rectified Current
At Tc=105℃
I(AV)
8.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage at 8.0A
VF
0.975
1.4
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
35
50
nS
Typical Junction Capacitance (Note 2)
CJ
40
pF
Typical Thermal Resistance (Note 1)
RθJC
2.5
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1. Unit mounted on heatsink
2. measured at 1.0MHz and applied reverse voltage of 4.0V
Dimensions in inches and (millimeters)
TO-220AC


Similar Part No. - SF86

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF86 RECTRON-SF86 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Bytes
SF86 BYTES-SF86 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF86 DCCOM-SF86 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF86 FORMOSA-SF86 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF86 DAESAN-SF86 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
More results

Similar Description - SF86

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com