Electronic Components Datasheet Search
  English  ▼

X  

SR103 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SR103
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR103 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SR103 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR103 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pluse Width=300uS
j
T =25 ° C
f=1MHz
V sig =50mV
FIG.1-TYPICAL FORWARD CURRENT
RATINGS AND CHARACTERISTIC CURVES SR102 THRU SR108
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
REVERSE VOLTAGE,(V)
LEAD TEMPERATURE, ( ° C)
10
0.1
10
100
SR105-SR108
1.0
SR102-SR104
10
0.2
1000
0.6
0.01
0.4
0.6
0.8
1.0
0.1
1.0
1%Duty Cycle
T =25 ° C
j
SR105-108
25
20
0.2
0
0
SR102-104
50
75
100
125
Single Phase
0.375"(9.5mm) Lead Length
Inductive or Resistive
0.4
0.8
0.6
1.2
1.0
Load
Half Wave 60Hz
DERATING CURVE
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
T =25 ° C
1.2
1.4
0.001
0
20
0.01
T =75 ° C
0.1
j
T =125 ° C
1.0
j
80
60
40
j
100
120
140
SR105-SR108
SR102-SR104
FORWARD SURGE CURRENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
150
175
10
0
1
1 Cycle
2
4
20
40
60
70
8
6
10
20
60
40
100
T
(JEDEC Method)
=T
j
j max
8.3ms Single Half Sine-Wave
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com