Electronic Components Datasheet Search
  English  ▼

X  

SM16 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # SM16
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM16 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  SM16 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM16 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM16 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM16 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Peak Pulse Power
400 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE 1 (Cont’d)
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note 4)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
SM68
61.2
74.8
1
55.1
5
4.1
98
0.107
SM68A
64.6
71.4
1
58.1
5
4.3
92
0.107
SM75
67.5
82.5
1
60.7
5
3.7
105
0.108
SM75A
71.3
78.8
1
64.1
5
3.9
103
0.108
SM82
73.8
90.2
1
66.4
5
3.4
118
0.108
SM82A
77.9
86.1
1
70.1
5
3.5
113
0.108
SM91
81.9
100
1
73.7
5
3.1
131
0.109
SM91A
86.5
95.5
1
77.8
5
3.2
125
0.109
SM100
90
110
1
81
5
1.39
144
0.109
SM100A
95
105
1
85.5
5
1.46
137
0.109
SM110
99
121
1
89.2
5
1.27
158
0.11
SM110A
105
116
1
94
5
1.32
152
0.11
SM120
108
132
1
97.2
5
1.16
173
0.11
SM120A
114
126
1
102
5
1.21
165
0.11
SM130
117
143
1
105
5
1.07
187
0.11
SM130A
124
137
1
111
5
1.12
179
0.11
SM150
135
165
1
121
5
0.93
215
0.111
SM150A
143
159
1
128
5
0.97
207
0.111
SM160
144
175
1
130
5
0.87
230
0.111
SM160A
152
167
1
136
5
0.91
219
0.111
SM170
153
187
1
138
5
0.82
244
0.111
SM170A
162
179
1
145
5
0.85
234
0.111
SM180
162
197
1
146
5
0.78
258
0.111
SM180A
171
189
1
154
5
0.81
246
0.111
SM200
180
220
1
162
5
0.7
287
0.111
SM200A
190
210
1
171
5
0.73
274
0.111
Notes:
(1)
V(BR) measured after IT applied for 300ms square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
All terms and symbols are consistent with ANSI/IEEE C62.35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com