Electronic Components Datasheet Search
  English  ▼

X  

SMA22 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SMA22
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMA22 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SMA22 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMA22 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMA22 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMA22 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMA5.0 THRU SMA170CA
Peak Pulse Power
300 Watts
FEATURES
•
For surface mounted applications in order to
optimize board space
•
Low profile package
•
Built-in strain relief
•
Glass passivated junction
•
Low inductance
•
Excellent clamping capability
•
Repetition Rate (duty cycle): 0.01%
•
Fast response time: typical less than 1.0ps
from 0 volts to BV for unidirectional types
•
Typical ID less than 1μA above 10V
•
High temperature soldering:
250℃/W seconds at terminals
•
Plastic package has Underwriters
Laboratory Flammability Classification 94V-O
MECHANICAL DATA
•
Cass: JEDEC DO-214 AC, low profile molded plastic
•
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
•
Polarity: Indicated by cathode band except bi-directional types
•
Weight: 0.002 ounces, 0.064 gram
•
Standard Packaging: 12mm tape per (EIA-481)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
Symbols
Value
Unit
Peak Pulse Power Dissipation at TA=25℃(NOTE1,2,5)Fig.1
PPPM
Minimum 400
Watts
Peak Forward Surge Current per Figure 5 (NOTE 3)
IFSM
40.0
Amps
Peak Pulse Current on 10/10000μs wave from (NOTE1,FIG.2)
IPPM
See Table 1
Amps
Steady Stage Power Dissipation (Note 4)
PM(AV)
1.0
Watts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to + 150
℃
Notes:
1.
Non-repetitive current pulse, per Fog.3 and derated above TA=25℃ per Fig.2
2.
mounted on 5.0mm
2 copper pads to each terminal.
3.
8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4.
Lead temperature at 75℃ = TL.
5.
Peak pulse power waveform is 10/1000μS.
DO-214AC(SMA)
Dimensions in inches and (millimeters)


Similar Part No. - SMA22

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA22 LITEON-SMA22 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Gulf Semiconductor
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
SUNMATE electronic Co.,...
SMA22 SUNMATE-SMA22 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA220 SUNMATE-SMA220 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA220A SUNMATE-SMA220A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA22

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com