Electronic Components Datasheet Search
  English  ▼

X  

RACFA Datasheet(PDF) 1 Page - Faraday Technology

Part # RACFA
Description  VIDEO OVERSAMPLING SMD FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

RACFA Datasheet(HTML) 1 Page - Faraday Technology

  RACFA Datasheet HTML 1Page - Faraday Technology RACFA Datasheet HTML 2Page - Faraday Technology RACFA Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara368d
Page 1 of 3
Sep-02(A)
• Reflowable
• Washable
• Surface mount compatibility
• Small size, low cost
• Flat or Sinx/x versions
• Luminance and Chrominance versions
With reduced analogue filter costs resulting from oversampling techniques, there is an increased
need for manufacturing facilities to avoid the large production costs associated with the presently
available through hole packages. The Faraday RA range of oversampling filters can be used in
surface mount assembly lines allowing vacuum pick up and reflow (see Page 2).
This range of analogue filters has been designed for use in conjunction with a half band
interpolating/decimating filter such as the TRW2242 or with the many encoder chips available
which employ digital filtering and an output D to A converter. This type of digital filtering has good
attenuation between the frequencies of Fs/4 and 3Fs/4 where Fs is the Master Clock rate. When the
normal clock rate of 27 MHz is used for the luminance channel the signal can be expected to have
insignificant energy between 6.75 MHz and 20.25 MHz.
In order to preserve the integrity of the signal these filters have a good amplitude and group delay
characteristics in the passband, similar to the requirements of CCIR601 but due to the above
considerations do not have significant attenuation below 21 MHz.
Order code:
RAYSA
RAYFA
RACSA
RACFA
Impedance
75
Ω
75
Ω
75
Ω
75
Ω
Sinx/x correction
Yes
No
Yes
No
Sampling Freq.
27.0 MHz
27.0 MHz
13.5 MHz
13.5 MHz
End of Passband
5.75 MHz
5.75 MHz
2.75 MHz
2.75 MHz
Amp. ripple
< 0.25 dB
< 0.12 dB
< 0.30 dB
< 0.12 dB
G.D. ripple
< 10 ns
< 6 ns
< 20 ns
< 12 ns
Start of stopband
21.5 MHz
21.5 MHz
10.75 MHz
10.75 MHz
Stopband atten. wrt 100 kHz
> 40 dB
> 40 dB
> 40 dB
> 40 dB
Delay time nom. at 200 kHz
27 ns
30 ns
50 ns
58 ns
Aqueous Washable
Yes
Yes
Yes
Yes
Package
DR00274A
DR00274A
DR00274A
DR00274A
RA SERIES
VIDEO OVERSAMPLING SMD
FILTERS


Similar Part No. - RACFA

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RACF SEI-RACF Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RACF102D SEI-RACF102D Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RACF102DFT0R00 SEI-RACF102DFT0R00 Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RACF102DFT100K SEI-RACF102DFT100K Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
RACF102DFT10K0 SEI-RACF102DFT10K0 Datasheet
352Kb / 4P
Concave Termination Chip Resistor Array
03/26/2020
More results

Similar Description - RACFA

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
OAYSA FARADAY-OAYSA Datasheet
58Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
Video Oversampling Filters
OBYSB FARADAY-OBYSB Datasheet
84Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
OCYSA FARADAY-OCYSA Datasheet
27Kb / 3P
VIDEO OVERSAMPLING SMD FILTERS
OBYPB FARADAY-OBYPB Datasheet
84Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
ODYFA FARADAY-ODYFA Datasheet
48Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
REYFA FARADAY-REYFA Datasheet
71Kb / 3P
VIDEO OVERSAMPLING SMD FILTERS
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
Video Encoder with 54 MHz Oversampling
REV. A
logo
Faraday Technology
FL1300 FARADAY-FL1300 Datasheet
74Kb / 2P
OVERSAMPLING FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com