Electronic Components Datasheet Search
  English  ▼

X  

SR3045P Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SR3045P
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR3045P Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SR3045P Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR3045P Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to100 Volts
SR3020P THRU SR30100P
CURRENT
30.0 Ampere
RATINGS AND CHARACTERISTIC CURVES SRF1620 THRU SRF16100
FIG.1-FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE
SURGE CURRENT
0.01
40
0.1
1.0
100
RESISTIVE OR
INDUCTIVE LOAD
8.3ms Single Half Sine-Wave
JEDEC Method
T =125℃
j
j
T =75℃
j
T = 25℃
SR3020P-SR3045P
SR3050P-SR30100P
℃
T = 25
j
Pulse Width=300 s
μ
℃
T = 25
j
F=1MHz
FIG.3-TYPICAL REVERSE
CHARACTERISTICS
FIG.4-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCIONCAPACITANCE
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
25
50
75
100
125 150
170
1
2
10
5
20
100
50
0.1
1
4
10
100
100
1000
10000
0.1
1.0
10
100
0
100
150
200
250
0
10
20
30
10
CASE TEMPERATURE( )
℃
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com