Electronic Components Datasheet Search
  English  ▼

X  

SMA150 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # SMA150
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMA150 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  SMA150 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMA150 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMA150 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMA150 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMA5.0 THRU SMA170CA
Peak Pulse Power
300 Watts
RATING AND CHARACTERISTIC CURVES SMA5.0 THRU SMA170CA
NUMBER OF CYCLES AT 60Hz
VOLTS
(
BR)
V
,BREALDOWN VOLTAGE,
A
T ,AMBIENT TEMPERATURE (℃)
d
t ,PULSE WIDTH, SEC
t, TIME, ms
PEAK FOWARD SURGE CURRENT
FIG.5- MAXIMUM NON-REPETITIVE
FIG.4- TYPICAL JUNCTION CAPACITANCE
FIG.3- PULSE WAVEFORM
FIG.2- PULSE RATING CURVE
FIG.1- PEAK PULSE POWER RATING CURVE
JEDEC Method
8.3ms Single Half Since-Wave
=T max
J
J
T
MW
V
Voltage (
)
Stand-Off
Measured at
Zero Blas
Measured at
Vsig = 50mVp-p
f = 1.0MHz
TJ=25 ℃
e-kt
td
as Defined by R.E.A.
10/1000usec Waveform
2
Half Value-lpp
lppm
Peak Value
tf=10use
Current Decays to 50% of lpp
as the Point Where the Peak
Pulse Width (td)is Defined
TA=25 ℃
TA=25 ℃
Shown in Figure 3
Pulse Waveform
Non-Repetitive
2
Copper Land Areas
Mounted on 5.0mm
100μs
10μs
1.0μs
100
40
20
10
4
2
1
0
10
20
30
40
50
200
100
50
20
10
5.0
2.0
1.0
10
100
1,000
10,000
4.0
3.0
2.0
1.0
0
0
50
100
150
200
175
150
125
100
75
50
25
0
0
25
50
75
100
10ms
1.0ms
0.1μs
0.1
1.0
10
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com