Electronic Components Datasheet Search
  English  ▼

X  

SMB150 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # SMB150
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMB150 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  SMB150 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMB150 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMB150 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMB150 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMB5.0 THRU SMB170CA
Peak Pulse Power
600 Watts
RATING AND CHARACTERISTIC CURVES SMB5.0 THRU SMB170CA
td
COPPER PAD AREAS
0.2×0.2"(0.5×0.5mm)
MW
Measured at
Stand-Off
Voltage (
)
Measured at
Zero Blas
TJ=25 ℃
f = 1.0MHz
Vsig = 50mVp-p
UNIDIRESTIONAL ONLY
(
JEDEC Method)
8.3ms Single Half Since-Wave
VMW
Voltage (
)
Stand-Off
Measured at
Zero Blas
Measured at
TJ=25 ℃
f = 1.0MHz
Vsig = 50mVp-p
tf=10use
lppm
Peak Value
Half Value-lpp
2
10/1000usec Waveform
as Defined by R.E.A.
as the Point Where the Peak
Pulse Width (td)is Defined
Current Decays to 50% of lpp
TA=25 ℃
Shown in Figure 3
Pulse Waveform
Non-Repetitive
VOLTS
V
,REVERSE STAND-OFF VOLTAGE,
WM
BIDIRECTIONAL
FIG.5- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
FIG.6- MAXMIUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
VOLTS
V
,REVERSE STAND-OFF VOLTAGE,
WM
UNIDIRECTIONAL
FIG.4- TYPICAL JUNCTION CAPACITANCE
t, TIME, ms
A
T ,AMBIENT TEMPERATURE (℃)
t ,PULSE WIDTH, SEC
d
FIG.3- PULSE WAVEFORM
FIG.2- PULSE DERATING CURVE
FIG.1- PEAK PULSE POWER RATING CURVE
200
100
10
1
10
100
1.0
10
100
200
6,000
1,000
100
10
200
1.0
10
100
10
100
6,000
1,000
0
1.0
2.0
3.0
4.0
150
100
50
0
0
25
50
75
100
125
150
175
200
100
75
50
25
0
10ms
0.1μs
1.0μs
10μs
100μs
1.0ms
0.1
1.0
10
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com