Electronic Components Datasheet Search
  English  ▼

X  

SMB120A Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # SMB120A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMB120A Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  SMB120A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMB120A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMB120A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMB120A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMB5.0 THRU SMB170CA
Peak Pulse Power
600 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted)
Device Marking
Code
Breakdown
Voltage V(BR)
(Volts) (Note 1 )
Device
Type
UNI
BI
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage ID
at VWM
(μA)(Note3)
Maximum
Peak Pulse
Surge
Current IPPM
(Note 2)(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
SMB36
36V
36VC
40
48.9
1
36
5
9.3
64.3
SMB36A
36VA
36VCA
40
44.2
1
36
5
10.3
58.1
SMB40
40V
40VC
44.4
54.3
1
40
5
8.4
71.4
SMB40A
40VA
40VCA
44.4
49.1
1
40
5
9.3
65.4
SMB43
43V
43VC
47.8
58.4
1
43
5
7.8
76.7
SMB43A
43VA
43VCA
47.8
52.8
1
43
5
8.6
69.4
SMB45
45V
45VC
50
61.1
1
45
5
7.5
80.3
SMB45A
45VA
45VCA
50
55.3
1
45
5
8.3
72.7
SMB48
48V
48VC
53.3
65.1
1
48
5
7
85.5
SMB48A
48VA
48VCA
53.3
58.9
1
48
5
7.8
77.4
SMB51
51V
51VC
56.7
69.3
1
51
5
6.6
91.1
SMB51A
51VA
51VCA
56.7
62.7
1
51
5
7.3
82.4
SMB54
54V
54VC
60
73.3
1
54
5
6.2
96.3
SMB54A
54VA
54VCA
60
66.3
1
54
5
6.9
87.1
SMB 58
58V
58VC
64.4
78.7
1
58
5
5.8
102
SMB58A
58VA
58VCA
64.4
71.2
1
58
5
6.4
93.6
SMB60
60V
60VC
66.7
81.5
1
60
5
5.6
107
SMB60A
60VA
60VCA
66.7
73.7
1
60
5
6.2
96.8
SMB64
64V
64VC
71.1
86.9
1
64
5
5.3
114
SMB64A
64VA
64VCA
71.1
78.6
1
64
5
5.8
103
SMB70
70V
70VC
77.8
95.1
1
70
5
4.8
125
SMB70A
70VA
70VCA
77.8
86
1
70
5
5.3
113
SMB75
75V
75VC
83.3
102
1
75
5
4.5
134
SMB75A
75VA
75VCA
83.3
92.1
1
75
5
5
121
SMB78
78V
78VC
86.7
106
1
78
5
4.3
139
SMB 78A
78VA
78VCA
86.7
95.8
1
78
5
4.8
126
SMB85
85V
85VC
94.4
115
1
85
5
4
151
SMB85A
85VA
85VCA
94.4
104
1
85
5
4.4
137
SMB90
90V
90VC
100
122
1
90
5
3.8
160
SMB90A
90VA
90VCA
100
111
1
90
5
4.1
146
SMB100
100V
100VC
111
136
1
100
5
3.4
179
SMB100A
100VA
100VCA
111
123
1
100
5
3.7
162
SMB110
110V
110VC
122
149
1
110
5
3.1
196
SMB110A
110VA
110VCA
122
135
1
110
5
3.4
177
SMB120
120V
120VC
133
163
1
120
5
2.8
214
SMB 120A
120VA
120VCA
133
157
1
120
5
3.1
193
SMB130
130V
130VC
144
176
1
130
5
2.6
231
SMB130A
130VA
130VCA
144
159
1
130
5
2.9
209
SMB150
150V
150VC
167
204
1
150
5
2.2
268
SMB150A
150VA
150VCA
167
185
1
150
5
2.5
243
SMB160
160V
160VC
178
218
1
160
5
2.1
287
SMB160A
160VA
160VCA
178
197
1
160
5
2.3
259
SMB170
170V
170VC
189
231
1
170
5
2
304
SMB170A
170VA
170VCA
189
209
1
170
5
2.2
275
Notes:
(1)
V(BR) measured after IT applied for 300μs IT =square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
For bidirectional types having VWM of 10 volts and less, the lD limit is doubled
(4)
All terms and symbols are consistent with ANSI/IEEE C62.35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com