Electronic Components Datasheet Search
  English  ▼

X  

SRF830 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SRF830
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF830 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SRF830 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF830 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SRF820 THRU SRF8100
CURRENT
8.0 Amperes
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
•
Exceeds environmental standards of MIL-S-19500/228
•
Low power loss, high efficiency
•
Low forward voltage ,high current capability
•
High surge capacity
•
For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications
MECHANICAL DATA
•
Case: ITO-220AC full molded plastic package
•
Terminals : Lead soldersble per MIL-STD-202,,
Method 208
•
Polarity: As marked
•
Mounting Position: Any
•
Weight: 0.08ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SRF
820
SRF
830
SRF
835
SRF
840
SRF
845
SRF
850
SRF
860
SRF
880
SRF
8100
SRF
8150
SRF
8200
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
8.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage at 8.0A per element
VF
0.65
0.75
0.85
Volts
TC = 25℃
0.5
Maximum DC Reverse Current
at rated DC Blocking Voltage
per element
TC = 100℃
IR
50
mA
Typical Junction Capacitance (Note 2)
Cj
400
pF
Typical Thermal Resistance (Note 1)
RθJC
4.0
℃
/W
Operating and Storage Temperature Range
TJ TSTG
(-55 to +150)
℃
Notes:
1. Thermal Resistance Junction to CASE
2. Measure at VR=4V and f=1MHz
Dimensions in inches and (millimeters)
ITO-220AC


Similar Part No. - SRF830

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SRF830 CHENYI-SRF830 Datasheet
150Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SRF830 JINANJINGHENG-SRF830 Datasheet
77Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SRF830 GXELECTRONICS-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Nanjing International G...
SRF830 DGNJDZ-SRF830 Datasheet
482Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SRF830

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com