Electronic Components Datasheet Search
  English  ▼

X  

SRF2020C Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SRF2020C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF2020C Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SRF2020C Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF2020C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to100 Volts
SRF2020C THRU SRF20100C
CURRENT
16.0 Amperes
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability classification 94V-O
Flame Retardant Epoxy Molding Compound
•
Exceeds environmental standards of MIL-
S-19500/228
•
Low power loss,high efficiency
•
Low forward voltage, high current capability
•
High surge capacity
•
For use in low voltage, high frequency inverters.
Free wheeling, and polarity protection applications
MECHANICAL DATA
•
Case: ITO-220AB full molded Plastic package
•
Terminals: lead solderable per MIL-STD-202,
Method 208
•
Polarity: as marked
•
Mounting position: Any
•
Weight: 0.08ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SRF
2020C
SRF
2030C
SRF
2035C
SRF
2040C
SRF
2045C
SRF
2050C
SRF
2060C
SRF
2080C
SRF2
0100C
SRF2
0150C
SRF2
0200C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
At Tc=90℃
I(AV)
20.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage at 10.0A per element
VF
0.65
0.75
0.85
Volts
TC = 25℃
0.5
Maximum DC Reverse Current
at rated DC Blocking Voltage
per element
TC = 100℃
IR
100
mA
Typical Junction Capacitance(Note2)
CJ
500
pF
Typical Thermal Resistance (Note 1)
RθJC
4.0
℃
/W
Operating Storage Temperature Range
TJ TSTG
(-55 to +150)
℃
Notes:
1.
Thermal Resistance Junction to CASE
2.
Measured at VR=4v and f=1MHz
ITO-220AB
Dimensions in inches and (millimeters)


Similar Part No. - SRF2020C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRF2020C ETC2-SRF2020C Datasheet
179Kb / 2P
SCHOTTKY BARIER RECTIFIER
logo
Goodwork Semiconductor ...
SRF2020CT GWSEMI-SRF2020CT Datasheet
73Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF2020CT DGNJDZ-SRF2020CT Datasheet
78Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SRF2020CT JINGHENG-SRF2020CT Datasheet
73Kb / 2P
Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SRF2020CT SAMYANG-SRF2020CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF2020C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com