Electronic Components Datasheet Search
  English  ▼

X  

SRL1640 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRL1640
Description  LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRL1640 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRL1640 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRL1640 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
30 to 60 Volts
SRL1630 THRU SRL1660
CURRENT
16.0 Ampere
0.7
0
4
8
12
16
20
0
150
50
100
0.1
0.1
0.3
0.5
0.9
1.0
10
100
4000
1000
100
0.1
1.0
10
100
1
10
100
0
50
100
150
200
250
300
0
40
80
120
0.01
0.1
1.0
10
100
SRL1630-SRL1645
SRL1650-SRL1660
T =25
℃
j
Pulse Width=300 s
μ
2% duty cycle
j
T =25
℃
j
T =100
℃
j
T =25
℃
j
T =75
℃
8.3ms Single Half Sine-Wave
JEDEC Method
FIG.1-FORWARD CURRENT
DERATING CURVE
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.3 MAX NON-REPETITIVE SURGE CURRENT
FIG4 TYPICAL JUNCTION CAPACITANCE
PER ELEMENT
FIG.5-TYPICAL REVERSE
CHARACTERISTICS
T ,CASE TMPERSTRUE(
)
V ,INSTANTANEOUS FORWARD VOLTAGE( )
V ,REVERSE VOLTAGE( v)
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED REVERSE VOLTAGE,( % )
℃
V
F
C
R
RATINGE AND CHARACTERISTIC CURVES SRL1630 THRU SRL1660



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com