Electronic Components Datasheet Search
  English  ▼

X  

TRA40M Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # TRA40M
Description  TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

TRA40M Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  TRA40M Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
AVALANCHE VOLTAGE
37 to 41 Volts
TRA40M
CURRENT
40 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 37V to 41V
•
Glass passivated chip
MECHANICAL DATA
•
Case: Tin Can
•
Epoxy: UL94-0 rate flame ratardant
•
Polarity: the glass is blue (Positive)
the glass is white (Negative)
•
Technology vacuum soldered
•
Lead: Plated slug, solderable per MIL-STD-202E
Method 208C
•
Weight: 0.09 ounce, 2.57 Grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
28
28
28
Volts
Average Rectified Forward Current (Tc=125℃)
Io
40
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
40
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
37
39
41
54
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.02
1.05
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
Dimensions in millimeters
TR
Epoxy
26.00
° 0.5
7.41
± 0.3


Similar Part No. - TRA40M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
TRA40L MIC-TRA40L Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40Z MIC-TRA40Z Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
More results

Similar Description - TRA40M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ADRS30L MIC-ADRS30L Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADRS40M MIC-ADRS40M Datasheet
27Kb / 1P
DISH AVALANCHE AUTOMOTIVE RECTIFIER
TR251 MIC-TR251 Datasheet
46Kb / 2P
TIN CAN AUTOMOTIVE RECTIFIER
TR351 MIC-TR351 Datasheet
49Kb / 2P
TIN CAN AUTOMOTIVE RECTIFIER
TRA30L MIC-TRA30L Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA30M MIC-TRA30M Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA30Z MIC-TRA30Z Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40L MIC-TRA40L Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40Z MIC-TRA40Z Datasheet
29Kb / 1P
TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
logo
EIC discrete Semiconduc...
AR3523 EIC-AR3523 Datasheet
101Kb / 1P
AVALANCHE AUTOMOTIVE RECTIFIER
Rev. 01 : May 5, 2006
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com