Electronic Components Datasheet Search
  English  ▼

X  

USM107 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # USM107
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

USM107 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  USM107 Datasheet HTML 1Page - MIC GROUP RECTIFIERS USM107 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
USM101 THRU USM108
CURRENT
1.0 Ampere
LEAD TEMPERATURE,()
℃
0
0
1.0
Resistive or Inductive Load
DERATING CURVE
F1G.1-FORWARD CURRENT
25
50
75
100
125
150
175
0.5
RATINGS AND CHARACTERISTIC CURVES USM101 THRU USM108
PEVRESE VOLTAGE,(V)
FIG.6-TYPICAL TRANSIENT THERMAL
IMPEDANCE
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-PERETITIVE PEAK
FORWARD SUPGE CURRENT
FIG.4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
PULSE DURATION (SEC.)
100
0
30
25
20
15
10
5.0
10
1
8.3ms Single Half Sine-Wave
(JEDEC Method)
J
L
T =T max
T =25℃
100
10
1
0.1
100
10
1.0
0.1
0.01
50
10
1.0
0.1
0.01
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
70
60
50
40
30
20
10
0
100
10
1.0
0.1
Vsig=50mVp-p
f=1MHz
J
T =25℃
1,000
100
10
1.0
0.1
0.01
100
80
60
40
20
0
J
T =150℃
J
T =100℃
J
USM101-USM105
USM106-USM108
Pulse Width=300us
1% Duty Cycle
T =150℃
J
J
T =25℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com