Electronic Components Datasheet Search
  English  ▼

X  

MIC2005A Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2005A
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2005A Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2005A Datasheet HTML 9Page - Micrel Semiconductor MIC2005A Datasheet HTML 10Page - Micrel Semiconductor MIC2005A Datasheet HTML 11Page - Micrel Semiconductor MIC2005A Datasheet HTML 12Page - Micrel Semiconductor MIC2005A Datasheet HTML 13Page - Micrel Semiconductor MIC2005A Datasheet HTML 14Page - Micrel Semiconductor MIC2005A Datasheet HTML 15Page - Micrel Semiconductor MIC2005A Datasheet HTML 16Page - Micrel Semiconductor MIC2005A Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Micrel, Inc.
MIC20XX Family
January 2009
13
M9999-012109-A
Typical Characteristics
0
20
40
60
80
100
23
45
6
VIN (V)
Supply Current
Output Enabled
-40°C
85°C
25°C
0
2
4
6
8
10
12
14
16
23
45
6
VIN (V)
Supply Current
Output Disabled
-40°C
85°C
25°C
Switch Leakage Current
OFF
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-50 -30 -10 1030507090
TEMPERATURE (°C)
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-50 -30 -10 1030507090
TEMPERATURE (°C)
5V
3V
2.5V
I
LIMIT
vs. Temperature
(MIC20xx - 1.2)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-50 -30 -10 10 30 50 70 90
TEMPERATURE (°C)
5V
3V
2.5V
I
LIMIT
vs. Temperature
(MIC20xx - 0.8)
Note:
Please note that the 3
plots overlay each
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-50 -30 -10 1030507090
TEMPERATURE (°C)
5V
2.5V
I
LIMIT
vs. Temperature
(MIC20xx - 0.5)
2.05
2.1
2.15
2.2
2.25
2.3
-50
0
50
100
150
TEMPERATURE (°C)
UVLO Threshold
vs. Temperature
V RISING
V FALLING
0
20
40
60
80
100
2
2.5
33.544.555.5
VIN (V)
R
ON
vs.
Supply Voltage
0
20
40
60
80
100
120
-50 -30 -10 10 30 50 70 90
TEMPERATURE (°C)
R
ON
vs.
Temperature
2.5V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com