Electronic Components Datasheet Search
  English  ▼

X  

AML180PS48 Datasheet(PDF) 2 Page - XP Power Limited

Part # AML180PS48
Description  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AML180PS48 Datasheet(HTML) 2 Page - XP Power Limited

  AML180PS48 Datasheet HTML 1Page - XP Power Limited AML180PS48 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-Dec-08
AML180
Mechanical Details
Models and Ratings
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 47 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For optional IEC320-C6 input connector, add suffix ‘C6’ to end of part number.
3.35 (85.0)
Cable length approx 70.9” ±1.97” (1800mm ±50mm) (4)
Power On Indicator
1.6
(40.7)
Rubber foot
(4 places.)
AC Input
IEC 320/C14 Inlet
1
3
4
2
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight: 1.89 lb (860 g).
3. Optional output connectors available. Consult sales.
4. Output connector (Kycon KPP-4P or equivalent) mates with Kycon KPJ-4S or equivalent.
Pin
Function
1
Output +
2
Output +
3
Return/Input Earth
4
Return/Input Earth
Shell
Return/Input Earth
Output
Power
Output
Voltage
Output
Current
Total Regulation(2)
Model
Number (3)
180 W
18 V
10.00 A
5%
AML180PS18
180 W
19 V
9.47 A
5%
AML180PS19
180 W
24 V
7.50 A
5%
AML180PS24
180 W
48 V
3.75 A
5%
AML180PS48
Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com