Electronic Components Datasheet Search
  English  ▼

X  

CPC15UT2 Datasheet(PDF) 1 Page - XP Power Limited

Part # CPC15UT2
Description  Triple Output Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPC15UT2 Datasheet(HTML) 1 Page - XP Power Limited

  CPC15UT2 Datasheet HTML 1Page - XP Power Limited CPC15UT2 Datasheet HTML 2Page - XP Power Limited CPC15UT2 Datasheet HTML 3Page - XP Power Limited CPC15UT2 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
•
Low Profile
•
Small, Compact PCB Format
•
Isolated Auxiliary Outputs
•
Low Noise
•
85-264 VAC Universal Input
•
Optional Covers & Looms
•
International Safety Approvals
Input
Input Voltage
•
85-264 VAC (110-370 VDC)
Input Frequency
•
47-440 Hz
Inrush Current
•
60 A max at 200 V input & full load
(cold start)
Output
Hold-Up Time
•
10 ms min at 85 V input & full load
(100 ms typical at 200 V input)
Output Voltage
•
See Table, 5 V adjustable,
V1 is isolated from V2 & V3
Output Voltage
•
5 V ±5%
Adjustment
Output Voltage
•
±6% max
Set Point
Line Regulation
•
0.4% max over specified input range
Load Regulation
•
2% 5 V output,
1% auxiliary outputs
Ripple & Noise
•
40 mV pk-pk typical
(180 mV pk-pk max)
Minimum Load
•
No minimum load - See Note 3
Short Circuit &
•
Operates >105% of rating
Overload Protection
auto recovery
Overvoltage
•
Operates >115% of rating +5 V output
Protection
General
Switching Frequency •
Variable frequency 40-400 kHz
dependant on line & load
Efficiency
•
70-72% typical
Isolation
•
Input to output 3000 VAC for 1 min,
500 VDC, 50 Mohm
Input to earth 2000 VAC for 1 min,
500 VDC, 50 Mohm
Output to earth 500 VAC for 1 min,
500 VDC, 50 Mohm
Leakage Current
•
0.75 mA max.
Mating Connectors
•
Available as an option
Cable Looms
•
Available as an option
Covers
•
Available as an option
Environmental
Operating
•
-10°C to +70°C, derate above +50 °C
Temperature
Consult Sales Office
Storage
•
-20 °C to +75 °C
Temperature
Relative Humidity
•
20-90% non-condensing
Vibration
•
10-55 Hz at 2 G, 3 mins period for
60 mins along X, Y & Z axis
Shock
•
20 G for 11 ms, once on X, Y & Z axis
EMC & Safety
EMC
•
FCC curve B, EN55022B
Safety Approvals
•
Approved to UL1950, IEC950,
CSA22.2 No.234, EN60950
15-60 Watts
CPC Series
Triple Output Switchers
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com
•


Similar Part No. - CPC15UT2

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CPC150400 SUPERWORLD-CPC150400 Datasheet
300Kb / 2P
1000 Base-T Magnetic Modules
CPC150402 SUPERWORLD-CPC150402 Datasheet
296Kb / 2P
1000 Base-T Magnetic Modules
CPC150403 SUPERWORLD-CPC150403 Datasheet
301Kb / 2P
1000 Base-T Magnetic Modules
logo
Sensortechnics GmbH
CPC150DFC SENSORTECHNICS-CPC150DFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
CPC150GFC SENSORTECHNICS-CPC150GFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
More results

Similar Description - CPC15UT2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
Triple Circuits Video Signal Switchers
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
Broadband Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
Triple Circuits Video Signal Switchers
BA7657F ROHM-BA7657F_1 Datasheet
211Kb / 6P
Broadband Triple Circuits Video Signal Switchers
logo
XP Power Limited
CPP15US05 XPPOWER-CPP15US05 Datasheet
992Kb / 6P
Single Output Enclosed Switchers
logo
Rohm
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
Triple Circuits Video Signal Switchers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com