Electronic Components Datasheet Search
  English  ▼

X  

74ACT16240 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16240
Description  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16240 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT16240 Datasheet HTML 1Page - Texas Instruments 74ACT16240 Datasheet HTML 2Page - Texas Instruments 74ACT16240 Datasheet HTML 3Page - Texas Instruments 74ACT16240 Datasheet HTML 4Page - Texas Instruments 74ACT16240 Datasheet HTML 5Page - Texas Instruments 74ACT16240 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN54ACT16240, 74ACT16240
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS137C – JULY 1989 – REVISED NOVEMBER 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54ACT16240
74ACT16240
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
mA
IOL
Low-level output current
24
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
0
10
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT16240
74ACT16240
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.4
4.4
IOH = –50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.7
3.8
V
VOH
IOH = –24 mA
5.5 V
4.94
4.7
4.8
V
IOH = –50 mA†
5.5 V
3.85
IOH = –75 mA†
5.5 V
3.85
IOL =50 µA
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±10
±5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
8
160
80
µA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
VI = VCC or GND
5.5 V
4.5
pF
Co
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com