Electronic Components Datasheet Search
  English  ▼

X  

AC574 Datasheet(PDF) 3 Page - Texas Instruments

Part # AC574
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AC574 Datasheet(HTML) 3 Page - Texas Instruments

  AC574 Datasheet HTML 1Page - Texas Instruments AC574 Datasheet HTML 2Page - Texas Instruments AC574 Datasheet HTML 3Page - Texas Instruments AC574 Datasheet HTML 4Page - Texas Instruments AC574 Datasheet HTML 5Page - Texas Instruments AC574 Datasheet HTML 6Page - Texas Instruments AC574 Datasheet HTML 7Page - Texas Instruments AC574 Datasheet HTML 8Page - Texas Instruments AC574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54AC574, SN74AC574
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS541E − OCTOBER 1995 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54AC574
SN74AC574
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
6
2
6
V
VCC = 3 V
2.1
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
3.85
V
VCC = 3 V
0.9
0.9
VIL
Low-level input voltage
VCC = 4.5V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
1.65
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 3 V
−12
−12
IOH
High-level output current
VCC = 4.5 V
−24
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
−24
mA
VCC = 3 V
12
12
IOL
Low-level output current
VCC = 4.5 V
24
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
24
mA
∆t/∆v
Input transition rise or fall rate
8
8
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC574
SN74AC574
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
2.9
IOH = −50 µA
4.5 V
4.4
4.4
4.4
VOH
IOH = −50 µA
5.5 V
5.4
5.4
5.4
V
VOH
IOH = −12 mA
3 V
2.56
2.4
2.46
V
IOH = −24 mA
4.5 V
3.94
3.7
3.76
IOH = −24 mA
5.5 V
4.94
4.7
4.76
3 V
0.1
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
0.1
VOL
IOL = 50 µA
5.5 V
0.1
0.1
0.1
V
VOL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 24 mA
5.5 V
0.36
0.5
0.44
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
±2.5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
µA
Ci
VI = VCC or GND
5 V
4.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com