Electronic Components Datasheet Search
  English  ▼

X  

SIR474DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIR474DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR474DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIR474DP Datasheet HTML 1Page - Vishay Siliconix SIR474DP Datasheet HTML 2Page - Vishay Siliconix SIR474DP Datasheet HTML 3Page - Vishay Siliconix SIR474DP Datasheet HTML 4Page - Vishay Siliconix SIR474DP Datasheet HTML 5Page - Vishay Siliconix SIR474DP Datasheet HTML 6Page - Vishay Siliconix SIR474DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68996
S-82749-Rev. A, 10-Nov-08
Vishay Siliconix
SiR474DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
34
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.2
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
0.0075
0.0095
Ω
VGS = 4.5 V, ID = 7 A
0.010
0.012
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
30
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
985
pF
Output Capacitance
Coss
205
Reverse Transfer Capacitance
Crss
76
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
18
27
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
812
Gate-Source Charge
Qgs
2.4
Gate-Drain Charge
Qgd
2.3
Gate Resistance
Rg
f = 1 MHz
0.3
1.3
2.6
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
14
25
ns
Rise Time
tr
12
24
Turn-Off Delay Time
td(off)
19
35
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
816
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
16
30
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
20
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 3 A
0.76
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
14
28
ns
Body Diode Reverse Recovery Charge
Qrr
510
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com