Electronic Components Datasheet Search
  English  ▼

X  

D18P Datasheet(PDF) 1 Page - Mini-Circuits

Part # D18P
Description  Directional Coupler 50廓 1710 to 1990 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

D18P Datasheet(HTML) 1 Page - Mini-Circuits

  D18P Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
50Ω
1710 to 1990 MHz
Directional Coupler
Surface Mount
CASE STYLE: CA531-1
PRICE: $ 0.99 ea. QTY (25)
Demo Board MCL P/N: TB-396+
Suggested PCB Layout (PL-270)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
INPUT
4
OUTPUT
6
COUPLED
3
GROUND
1,2,5
Outline Drawing
Directional Coupler Electrical Specifications
REV. D
M119986
D18P
JS/TD/CP/AM
081111
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
D18P+
D18P
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Features
• low mainline loss, 0.3 dB typ.
• excellent VSWR, 1.2:1 typ.
• excellent repeatability
• miniature low profile package
• aqueous washable
Applications
• PCS
D18P
MAINLINE LOSS
0.0
0.1
0.2
0.3
0.4
0.5
1710
1766
1822
1878
1934
1990
FREQUENCY (MHz)
at RF level of -10 dBm
D18P
COUPLING & DIRECTIVITY
16.0
16.5
17.0
17.5
18.0
18.5
1710
1766
1822
1878
1934
1990
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
D18P
RETURN LOSS
10
18
26
34
42
50
1710
1766
1822
1878
1934
1990
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
ESD Rating
Human Body Model (HBM): Class 1A (250 v to <500 v) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (< 100 v) in accordance with ANSI/ESD STM 5.2 - 1999 (pass 50V)
A
B
C
D
E
F
G
H
J
.052
.067
.106
.122
.035
.064
.087
.118
.067
1.32
1.70
2.69
3.10
0.89
1.63
2.21
3.00
1.70
K
L
M
N
P
Q
R
S
wt
.083
.033
.042
.012
.020
.012
.006
.018 grams
2.11
0.84
1.07
0.30
0.51
0.30
0.15
0.46 0.020
Electrical Schematic
1710.00
0.26
17.73
16.81
30.82
30.11
18.45
1724.00
0.24
17.65
16.85
30.48
29.84
18.24
1752.00
0.26
17.53
16.74
29.83
29.32
17.88
1780.00
0.28
17.39
16.66
29.50
29.04
17.68
1836.00
0.26
17.20
16.64
29.22
29.07
17.32
1864.00
0.27
17.06
16.52
28.92
28.54
17.01
1920.00
0.28
16.89
16.40
28.70
27.62
16.63
1948.00
0.29
16.75
16.32
28.78
27.69
16.51
1976.00
0.29
16.64
16.25
28.69
27.69
16.29
1990.00
0.30
16.64
16.22
28.56
27.53
16.13
1. Mainline loss includes theoretical power loss at coupled port.
2. 4W CW when operating with a 2.0:1 maximum VSWR on all ports.
FREQ.
RANGE
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT2
Nominal
Typ. Max.
Typ.
Min.
Typ.
Max.
1710-1990
18.0±1.8
0.3
0.5
15
10
1.2
1.0


Similar Part No. - D18P

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
D18PA MINI-D18PA Datasheet
274Kb / 3P
Directional Coupler
D18PA+ MINI-D18PA+ Datasheet
274Kb / 3P
Directional Coupler
More results

Similar Description - D18P

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
Directional Coupler 50廓 5 to 200 MHz
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
Directional Coupler 50廓 5 to 900 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-20-12 MINI-ADC-20-12 Datasheet
239Kb / 1P
Directional Coupler 50廓 100 to 1200 MHz
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
Directional Coupler 50廓 50 to 750 MHz
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
Directional Coupler 50廓 400 to 900 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
Directional Coupler 50廓 50 to 1500 MHz
LRDC-10-1 MINI-LRDC-10-1 Datasheet
274Kb / 1P
Directional Coupler 50廓 5 to 500 MHz
LRDC-20-2J MINI-LRDC-20-2J Datasheet
248Kb / 1P
Directional Coupler 50廓 300 to 1100 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
Directional Coupler 50廓 10 to 750 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com