Electronic Components Datasheet Search
  English  ▼

X  

CPM50FS05 Datasheet(PDF) 1 Page - XP Power Limited

Part # CPM50FS05
Description  Component Power DC-DC Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPM50FS05 Datasheet(HTML) 1 Page - XP Power Limited

  CPM50FS05 Datasheet HTML 1Page - XP Power Limited CPM50FS05 Datasheet HTML 2Page - XP Power Limited CPM50FS05 Datasheet HTML 3Page - XP Power Limited CPM50FS05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
•
Low Profile
•
Industry Standard Footprint
•
Wide Operating Temperature
•
Parallel Operation
•
Remote ON/OFF
•
Adjustable Output
•
Overvoltage & Overload Protection
Input
Input Voltage
•
18-36 VDC
36-76 VDC
45-160 VDC
88-370 VDC
200-400 VDC
(see tables)
Output
Output Voltage
•
See Tables
Output Voltage
•
±10% CPM50 & 100,
Adjustment
60-110% CPM150 ,CPM200 &
CPM400, 80-110% CPM600
Minimum Load
•
No minimum load required
Start Up Delay
•
200 ms max (100% load)
Initial Set Accuracy
•
±4.0% max
Drift
•
±0.5% max
Line Regulation
•
±0.5% max
Load Regulation
•
±0.9% max
Ripple & Noise
•
200 mV pk-pk (0°C to +85°C)
Overload
•
Operates at >105% of rated current,
Protection
recovers automatically
Overvoltage
•
Operates at between 115-140% of
Protection
rating recycle input to reset
Remote Sense
•
Compensates for 300mV min
if not required then sense connections
must be made locally ie +S to +Vout
and -S to -Vout
Remote ON/OFF
•
Standard on all models
General
Efficiency
•
Up to 89% dependant on model
Isolation
•
3 kVAC Input to Output
2 kVAC Input to Baseplate
500 VDC Output to Baseplate
Switching Frequency •
500 kHz - CPM50 & 100
370 kHz - CPM150, CPM200, 400 & 600
Parallel Operation
•
Current share pin provided on all
except 50 W models, derate max
current by 10% per module
Environmental
Operating
•
-10 °C to +85°C CPM50 & CPM100,
Temperature
-20 °C to +85°C CPM150, CPM200,
CPM400 & CPM600 (baseplate)
Storage
•
-40 °C to +85 °C
Temperature
Relative Humidity
•
20-95% non-condensing
Shock
•
20 G for 11 ms once each along
X, Y & Z axis
Vibration
•
10-55 Hz 5 G for 3 min periods,
over 60 mins along each X, Y & Z axis
Safety
Emissions
•
EN55022 Level A conducted
EN55022 Level A radiated
Contact sales for Application Note
ESD Susceptibility
•
EN61000-4-2 Level 2
Radiated
Susceptibility
•
EN61000-4-3 Level 3
EFT/Burst
•
EN61000-4-4 Level 3
Surge
•
EN61000-4-5 Level 3
Safety Approvals
•
UL1950, C-UL, EN60950, VDE0160
IEC950
50-700 Watts
CPM Series
Component Power DC-DC Modules
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com
•


Similar Part No. - CPM50FS05

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
CPM502 ASC-CPM502 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
CPM502A-015201001 ASC-CPM502A-015201001 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
CPM502A-015202001 ASC-CPM502A-015202001 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
CPM502A-015999001 ASC-CPM502A-015999001 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
CPM502A-030201001 ASC-CPM502A-030201001 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
More results

Similar Description - CPM50FS05

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
50W DC/DC Power Modules
V48SC05017 DELTA-V48SC05017 Datasheet
706Kb / 15P
85W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
240W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320_14 Datasheet
888Kb / 16P
66W DC/DC Power Modules
V48SC05017 DELTA-V48SC05017_14 Datasheet
630Kb / 16P
85W DC/DC Power Modules
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
360W DC/DC Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com