Electronic Components Datasheet Search
  English  ▼

X  

CPL150PD12 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPL150PD12
Description  AC-DC Open Frame
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPL150PD12 Datasheet(HTML) 2 Page - XP Power Limited

  CPL150PD12 Datasheet HTML 1Page - XP Power Limited CPL150PD12 Datasheet HTML 2Page - XP Power Limited CPL150PD12 Datasheet HTML 3Page - XP Power Limited CPL150PD12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
I/O Connector
Mating Connector
Terminal
CN1
B3P5-VH
VHR-5N
Chain: SVH-21T-P1.1
Loose: 8VH-21T-P1.1
CN2
B8P-VH
VHR-8N
Chain: SVH-21T-P1.1
Loose: 8VH-21T-P1.1
CN3
B2B-XH-A
XHP-2
Chain: SXH-001-P0.6
(Option)
Loose: BXH-001T-P0.6
CN4
B3B-XH-A
XHP-3
Chain: SXH-001-P0.6
(Option)
Loose: BXH-001T-P0.6
OUTPUT VOLTAGE & CURRENT RATINGS - 100 WATT MODEL
CPL
1. Peak rating for 10 sec with a duty cycle of 35% max.
2. Measured with 22µF cap within 150 mm of output terminal at 20 MHz bandwidth.
3. Measured at 200 VAC input & 100% load.
Notes
Mechanical Details - 100 Watt Models
Derating Curves - 100 Watt Models
www.xpplc.com
sales@xpplc.com
•
Output
Current Rating
Regulation
Ripple &
Efficiency(3)
Model
Voltage
Maximum
Peak(1)
Line
Load
Noise pk-pk(2)
Typical
Number
+5 V1
5.0 A
-
20 mV
40 mV
120 mV
80%
CPL100PD24
+24 V2
4.0 A
7 A
96 mV
150 mV
150 mV
+5 V1
5.0 A
-
20 mV
40 mV
120 mV
76%
CPL100PD12
+12 V2
5.0 A
10 A
48 mV
100 mV
150 mV
CN1
Pin No.
Input
1
AC(L)
2-
3
AC(N)
4-
5FG
CN2
Pin No.
Output
1, 2
G2
3, 4
V2
5, 6
G1
7, 8
V1
CN3 (Optional)
Pin No. Remote On/Off
1
RC(+)
2
RC(-)
CN4 (Optional)
Pin No.
‘-Z’
1+
2
COM
3-
OPEN FRAME
COVER FITTED (>90 VAC INPUT)
NOTES:
• Weight 420g or less (without chassis & cover).
• Tolerance ±1.
• Dimensions in mm.
• PCB Material : CEM3.
• Optional chassis & cover, order part no. CPL100 COVER or add suffix ‘-C’ to the model number to receive the unit with the cover fitted.
• Mounting torque 1.5N m (16 kgf cm) max.
• Keep drawing current per pin below 5 A (7 A @ pk load) for CN2.
• Optional connector kit available, order part no. CPL100/150 CON.
• Optional loom kit available, order part no. CPL100/150 LOOM.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com