Electronic Components Datasheet Search
  English  ▼

X  

CPM50FS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPM50FS24
Description  Component Power DC-DC Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPM50FS24 Datasheet(HTML) 2 Page - XP Power Limited

  CPM50FS24 Datasheet HTML 1Page - XP Power Limited CPM50FS24 Datasheet HTML 2Page - XP Power Limited CPM50FS24 Datasheet HTML 3Page - XP Power Limited CPM50FS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1. Measured with 220 µF capacitor at the output at 20 MHz bandwidth (0 °C to +85 °C).
2. Fixed (TRM pin open) ±10% adjustable by external VR.
3. 85-264 VAC with the CPH500 - See CPH Series.
Notes
Mechanical Details & Application Notes - 50 & 100 Watt Models
www.xpplc.com
sales@xpplc.com
•
Pin
Connection
Function
1
DC IN +
Positive Input Voltage
2
DC IN +
1 & 2 are internally connected
3
DC IN -
Negative Input Voltage
4
RC
Remote Control
5
TRM
Ext. Adjustment of Output Voltage
6
+S
+ Remote Sensing Terminal
7
DC OUT +
Positive Output Voltage
8
DC OUT +
7 & 8 are internally connected
9
DC OUT -
Negative Output Voltage
10
DC OUT -
9 & 10 are internally connected
11
-S
- Remote Sensing Terminal
12
CB
Current Balance Terminals for
(CPM100)
Parallel Operation
NOTES:
1.
All dimensions in mm tolerance ±0.3 mm.
2.
Dimensions in brackets - CPM50.
3.
Weight CPM50 = 120 g, CPM100 = 150 g
CPM50 EXTERNALLY MOUNTED PARTS
Output
Value of externally
Voltage
mounted resistors (
Ω)
VR
R1
R2
51 K
0
Ω
0
Ω
12
1 K
820
0
Ω
24
1 K
2.4 K
0
Ω
Remote Control
The remote control circuit is controlled by using the RC and -ve DC IN
terminals - example circuit shown opposite.
1. Between RC and -ve DC IN - terminals: “Low” level or short
circuited (0-1.2 V) - Output: ON.
2. Between RC and -ve DC IN - terminals: “High” level or open
circuited (2.4-5.5 V) - Output: OFF.
3. Output current from the RC terminal is 1 mA typical when the
voltage at the RC terminal is at low level.
Short-circuit the RC and -ve DC IN - terminal to disable
remote control.
CPM100 EXTERNALLY MOUNTED PARTS
Output
Value of externally
Voltage
mounted resistors (
Ω)
VR
R1
R2
5
1 K
110
180
12
2 K
2.4 K
240
24
5 K
11 K
390
OUTPUT VOLTAGE ADJ.
OUTPUT VOLTAGE & CURRENT RATINGS - 50 & 100 WATT MODELS
CPM
Output
Input
Output
Output
Regulation
Ripple &
Efficiency
Model
Power
Voltage
Voltage(2)
Current
Line
Load
Noise(1)
Number
50 W
88-370 VDC(3)
5 V
10.0 A
20 mV
40 mV
150 mV
82%
CPM50FS05
50 W
36-72 VDC
5 V
10.0 A
20 mV
40 mV
150 mV
80%
CPM5048S05
50 W
88-370 VDC(3)
12 V
4.2 A
48 mV
100 mV
200 mV
82%
CPM50FS12
50 W
36-72 VDC
12 V
4.2 A
48 mV
100 mV
200 mV
82%
CPM5048S12
50 W
88-370 VDC(3)
24 V
2.1 A
96 mV
150 mV
200 mV
82%
CPM50FS24
100 W
88-370 VDC(3)
5 V
20.0 A
20 mV
40 mV
150 mV
82%
CPM100FS05
100 W
36-72 VDC
5 V
20.0 A
20 mV
40 mV
150 mV
80%
CPM10048S05
100 W
88-370 VDC(3)
12 V
8.5 A
48 mV
100 mV
200 mV
82%
CPM100FS12
100 W
36-72 VDC
12 V
8.5 A
48 mV
100 mV
200 mV
82%
CPM10048S12
100 W
88-370 VDC(3)
24 V
4.2 A
96 mV
150 mV
200 mV
82%
CPM100FS24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com