Electronic Components Datasheet Search
  English  ▼

X  

DNR30US48 Datasheet(PDF) 4 Page - XP Power Limited

Part # DNR30US48
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR30US48 Datasheet(HTML) 4 Page - XP Power Limited

  DNR30US48 Datasheet HTML 1Page - XP Power Limited DNR30US48 Datasheet HTML 2Page - XP Power Limited DNR30US48 Datasheet HTML 3Page - XP Power Limited DNR30US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
09-Oct-07
Standby Versions
DNR05-60
Notes
‘*’ at the end of the part number denotes DC standby system.
+
-
-
DC OK
Relay
Control
Relay
Coil
Battery
Fuse
D1
LOAD
DC Output
ON
12
3
Maximum current drain from
battery by PSU when inactive
22 mA.
+
1
2
3
4
5
Output Set Voltages For Standby Versions
Model
Voltage
Current
Efficiency
DNR30US12*
13.6 V
2.20 A
84%
DNR30US24*
27.2 V
1.10 A
86%
DNR30US48*
54.5 V
0.55 A
86%
DNR60US12*
13.6 V
4.40 A
86%
DNR60US24*
27.2 V
2.20 A
89%
DNR60US48*
54.5 V
1.10 A
89%
DCOK
DCOK
D
DCOK
22K
0.5W
5.1K
0.3W
RL > 700ohm
a) Relay Example
b) 5 V Signal Example
-Vout
-Vout
DCOK
DCOK
D
DCOK
22K
0.5W
5.1K
0.3W
RL > 700ohm
a) Relay Example
b) 5 V Signal Example
-Vout
-Vout
DC OK
Standard on 24 V models, 30-60 W only.
Example using external relay
to create volt-free contact
Example using external components
to create TTL signal
Output good = 24 V
Output not good = 0 V
DNR30/60 connection for DC standby system applications
30-60 W Models
DNR30/60 Connections
Conn
Pin
Designation
AC
Input
1
Ground
2
Neutral
3
Line
DC
Output
1
DC OK*
2
Positive
3
Positive
4
Negative
5
Negative
* 24 V & standby models only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com