Electronic Components Datasheet Search
  English  ▼

X  

ZAPD-21 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZAPD-21
Description  Power Splitter/Combiner 2 Way-0 50廓 500 to 2000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZAPD-21 Datasheet(HTML) 1 Page - Mini-Circuits

  ZAPD-21 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Max.
Max.
Typ.
Min
Typ. Max.
500-2000
25
18
0.25
1.0
3
0.2
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
ZAPD-21+
2 Way-0
°
50
Ω
500 to 2000 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. B
M108294
ZAPD-21+
HY/TD/CP
080714
A
B
C
D
E
F
G
2.00
2.00
.75
1.00
.13
1.750
.125
50.80
50.80
19.05
25.40
3.30
44.45
3.18
H
J
K
L
wt
.39
1.00
.50
1.00
grams
9.91
25.40
12.70
25.40
170.0
Features
• wideband, 500 to 2000 MHz
• low insertion loss, 0.25 dB typ.
• good isolation, 25 dB typ.
• up to 10W power input as splitter
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 1 deg. typ.
• excellent VSWR, 1.20:1 typ.
• rugged shielded case
Applications
• UHF
• communications systems
• GPS
• instrumentation
• cellular
• PCS/DCS
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
CASE STYLE: F53
Connectors Model
Price
Qty.
BNC
ZAPD-21+
$64.95
(1-9)
SMA
ZAPD-21-S+
$69.95
(1-9)
N-TYPE
ZAPD-21-N+
$69.95
(1-9)
ZAPD-21+
INSERTION LOSS
3.0
3.1
3.2
3.3
3.4
3.5
500
800
1100
1400
1700
2000
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
ZAPD-21+
ISOLATION
20
25
30
35
40
45
500
800
1100
1400
1700
2000
FREQUENCY (MHz)
ZAPD-21+
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
500
800
1100
1400
1700
2000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
Electrical Specifications
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
N-Type version shown
500.00
3.17
3.14
0.03
21.12
0.45
1.31
1.16
1.17
525.00
3.18
3.15
0.03
22.44
0.48
1.27
1.13
1.14
575.00
3.12
3.10
0.02
25.62
0.50
1.18
1.07
1.08
625.00
3.14
3.12
0.02
29.70
0.53
1.10
1.02
1.03
675.00
3.14
3.11
0.03
33.67
0.60
1.03
1.04
1.02
750.00
3.08
3.05
0.03
30.96
0.61
1.08
1.11
1.09
825.00
3.22
3.19
0.03
27.43
0.73
1.17
1.17
1.15
900.00
3.18
3.15
0.03
25.73
0.77
1.24
1.21
1.19
1000.00
3.21
3.17
0.04
25.37
0.68
1.29
1.23
1.22
1200.00
3.17
3.14
0.03
30.28
0.92
1.21
1.15
1.16
1400.00
3.19
3.17
0.02
29.13
1.15
1.03
1.01
1.03
1600.00
3.23
3.19
0.04
24.08
1.27
1.16
1.10
1.08
1800.00
3.35
3.31
0.03
27.44
1.41
1.22
1.16
1.15
1900.00
3.33
3.30
0.03
35.87
1.42
1.19
1.18
1.17
2000.00
3.31
3.29
0.01
33.59
1.48
1.15
1.17
1.18
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZAPD-21

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-2+ MINI-ZAPD-2+ Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-2-21-3W MINI-ZAPD-2-21-3W Datasheet
139Kb / 1P
High Power Combiner 2 Way-0 50廓 700 to 2100 MHz
ZAPD-2-22-75 MINI-ZAPD-2-22-75 Datasheet
163Kb / 1P
Power Splitter/Combiner
ZAPD-2-22-75+ MINI-ZAPD-2-22-75+ Datasheet
163Kb / 1P
Power Splitter/Combiner
More results

Similar Description - ZAPD-21

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-23 MINI-ZAPD-23 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFRSC-2050 MINI-ZFRSC-2050 Datasheet
173Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 2000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
ZFSC-2-11 MINI-ZFSC-2-11 Datasheet
98Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 2000 MHz
ZN2PD2-50 MINI-ZN2PD2-50 Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 5000 MHz
ZN2PD-20 MINI-ZN2PD-20 Datasheet
97Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 750 to 2000 MHz
ZN2PD-1900W MINI-ZN2PD-1900W Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1500 to 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com