Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT8997DW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997DW
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997DW Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74ACT8997DW Datasheet HTML 9Page - Texas Instruments SN74ACT8997DW Datasheet HTML 10Page - Texas Instruments SN74ACT8997DW Datasheet HTML 11Page - Texas Instruments SN74ACT8997DW Datasheet HTML 12Page - Texas Instruments SN74ACT8997DW Datasheet HTML 13Page - Texas Instruments SN74ACT8997DW Datasheet HTML 14Page - Texas Instruments SN74ACT8997DW Datasheet HTML 15Page - Texas Instruments SN74ACT8997DW Datasheet HTML 16Page - Texas Instruments SN74ACT8997DW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
select register description
The select register (SR) is an 8-bit serial register that determines which, if any, of the secondary scan paths
(SSPs) will be included in the primary scan path. A reset operation forces all bits to a logic 0. The register is
divided into four 2-bit sections, each of which controls one SSP. Figure 4 shows the mapping of the bits to the
SSPs and the order of scan. For each SSP, the higher-order bit is the MSB and the lower-order bit is the LSB
(e.g., bit 3 is the MSB of SSP2 and bit 2 is the LSB of SSP2).
TDO
Bit 7
(MSB)
TDI or DTDI
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
SSP4
SSP3
SSP2
SSP1
Figure 4. Select Register Bits and Order of Scan
When a new 8-bit value is loaded into the SR, the configuration of one or more DTMS pins may change. If the
new value of the SR configures a DTMS pin to a static (high or low) level, it assumes that level on the falling
edge of TCK in the Update-DR TAP state. This condition is independent of any previous SR configurations. If
the new value of the SR forces a DTMS pin to follow TMS (i.e., select the secondary scan path) and one or more
DTMS pins are currently in the TMS-follow mode, the transfer of DTMS lines occurs on the falling edge of TCK
in the Update-DR TAP state. If, however, the new configuration forces a DTMS pin to follow TMS while no other
DTMS pin is selected, the DTMS pin is forced low and does not begin following TMS until the falling edge of
TCK in the Run-Test/Idle TAP state; therefore, when an SSP is initially selected, the TAP state should travel from
Update-DR to Run-Test /Idle, not from Update-DR to Select-DR-Scan.
Although any combination of SSPs can be selected, the order of scan for each combination is fixed (see data
flow description for details). The SR bit decoding is shown in Table 7.
Table 7. Select Register-Bit Decoding
MSB
LSB
DTMS
SOURCE
DTDO
STATUS
0
0
H
Z
0
1
L
Z
1
X
TMS
Active†
† The DTDO1–4 outputs are active only in
the Shift-IR and Shift-DR TAP states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com