Electronic Components Datasheet Search
  English  ▼

X  

AHC08 Datasheet(PDF) 1 Page - Texas Instruments

Part # AHC08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHC08 Datasheet(HTML) 1 Page - Texas Instruments

  AHC08 Datasheet HTML 1Page - Texas Instruments AHC08 Datasheet HTML 2Page - Texas Instruments AHC08 Datasheet HTML 3Page - Texas Instruments AHC08 Datasheet HTML 4Page - Texas Instruments AHC08 Datasheet HTML 5Page - Texas Instruments AHC08 Datasheet HTML 6Page - Texas Instruments AHC08 Datasheet HTML 7Page - Texas Instruments AHC08 Datasheet HTML 8Page - Texas Instruments AHC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54AHC08, SN74AHC08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS236H – OCTOBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54AHC08 ...J OR W PACKAGE
SN74AHC08 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AHC08 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN74AHC08 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
description/ordering information
The ’AHC08 devices are quadruple 2-input positive-AND gates. These devices perform the Boolean function
Y
+ A • BorY + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHC08RGYR
HA08
PDIP – N
Tube
SN74AHC08N
SN74AHC08N
SOIC – D
Tube
SN74AHC08D
AHC08
SOIC – D
Tape and reel
SN74AHC08DR
AHC08
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHC08NSR
AHC08
SSOP – DB
Tape and reel
SN74AHC08DBR
HA08
TSSOP
PW
Tube
SN74AHC08PW
HA08
TSSOP – PW
Tape and reel
SN74AHC08PWR
HA08
TVSOP – DGV
Tape and reel
SN74AHC08DGVR
HA08
CDIP – J
Tube
SNJ54AHC08J
SNJ54AHC08J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC08W
SNJ54AHC08W
LCCC – FK
Tube
SNJ54AHC08FK
SNJ54AHC08FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - AHC08

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC08-12S ARCH-AHC08-12S Datasheet
216Kb / 4P
AC-DC Power Module
AHC08-14S ARCH-AHC08-14S Datasheet
216Kb / 4P
AC-DC Power Module
AHC08-15S ARCH-AHC08-15S Datasheet
216Kb / 4P
AC-DC Power Module
AHC08-24S ARCH-AHC08-24S Datasheet
216Kb / 4P
AC-DC Power Module
More results

Similar Description - AHC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com