Electronic Components Datasheet Search
  English  ▼

X  

PCM50UD01 Datasheet(PDF) 3 Page - XP Power Limited

Part # PCM50UD01
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PCM50UD01 Datasheet(HTML) 3 Page - XP Power Limited

  PCM50UD01 Datasheet HTML 1Page - XP Power Limited PCM50UD01 Datasheet HTML 2Page - XP Power Limited PCM50UD01 Datasheet HTML 3Page - XP Power Limited PCM50UD01 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PCM80
Models and Ratings
Mechanical Details
Output
Power
Output 1
Output 2
Output 3
Model
Number
Vnom
Imin
Imax
Tol.(1)
Vnom
Imin(4, 5)
Imax
Tol.(1)
Vnom
Imin
Imax
Tol.(1)
50.0 W
3.3 V
0.0 A
15.1 A
7%
PCM80PS3V3†
65.0 W
5.0 V
0.0 A
13.0 A
5%
PCM80PS05†*
70.0 W
7.0 V
0.0 A
10.0 A
5%
PCM80PS07†
75.0 W
9.0 V
0.0 A
8.3 A
5%
PCM80PS09†*
75.0 W
10.0 V
0.0 A
7.5 A
5%
PCM80PS10
80.0 W
12.0 V
0.0 A
6.7 A
5%
PCM80PS12†*
80.0 W
13.5 V
0.0 A
5.9 A
5%
PCM80PS13V5†
80.0 W
15.0 V
0.0 A
5.3 A
5%
PCM80PS15†*
80.0 W
16.0 V
0.0 A
5.0 A
5%
PCM80PS16
80.0 W
17.5 V
0.0 A
4.6 A
5%
PCM80PS17V5
80.0 W
18.0 V
0.0 A
4.4 A
5%
PCM80PS18†*
80.0 W
24.0 V
0.0 A
3.3 A
5%
PCM80PS24†*
80.0 W
27.0 V
0.0 A
3.0 A
5%
PCM80PS27†*
80.0 W
30.0 V
0.0 A
2.7 A
5%
PCM80PS30
80.0 W
36.0 V
0.0 A
2.2 A
3%
PCM80PS36
80.0 W
48.0 V
0.0 A
1.7 A
3%
PCM80PS48†*
38.0 W
3.3 V
0.5 A
7.0 A
5%
5.0 V
0.3 A
3.0 A
5%
PCM80PD00
53.0 W
3.3 V
0.5 A
7.0 A
5%
12.0 V
0.2 A
2.5 A
5%
PCM80PD01
60.0 W
5.0 V
0.5 A
7.0 A
5%
12.0 V
0.2 A
2.5 A
5%
PCM80PD02
60.0 W
5.0 V
0.5 A
7.0 A
5%
15.0 V
0.2 A
2.0 A
5%
PCM80PD03
60.0 W
5.0 V
0.5 A
7.0 A
5%
24.0 V
0.2 A
2.0 A
5%
PCM80PD04
60.0 W
5.0 V
0.5 A
7.0 A
5%
-24.0 V
0.2 A
2.0 A
5%
PCM80PD05
65.0 W
12.0 V
0.5 A
5.0 A
5%
-12.0 V
0.1 A
0.8 A
5%
PCM80PD06
65.0 W
15.0 V
0.5 A
4.0 A
5%
-15.0 V
0.1 A
0.8 A
5%
PCM80PD07
65.0 W
24.0 V
0.5 A
2.1 A
5%
-24.0 V
0.1 A
0.8 A
5%
PCM80PD08
51.0 W
3.3 V
0.5 A
7.0 A
5%
12.0 V
0.2 A
2.0 A
5%
-5.0 V
0.1 A
0.8 A
5%
PCM80PT01†
60.0 W
5.0 V
0.5 A
6.0 A
5%
12.0 V
0.2 A
2.5 A
5%
-5.0 V
0.1 A
0.5 A
5%
PCM80PT03†
60.0 W
5.0 V
0.5 A
6.0 A
5%
12.0 V
0.2 A
2.1 A
5%
-12.0 V
0.1 A
0.5 A
5%
PCM80PT04†*
65.0 W
5.0 V
0.5 A
6.0 A
5%
15.0 V
0.2 A
2.1 A
5%
-15.0 V
0.1 A
0.5 A
5%
PCM80PT05†*
60.0 W
5.0 V
0.5 A
6.0 A
5%
24.0 V
0.1 A
1.2 A
5%
-12.0 V
0.1 A
0.5 A
5%
PCM80PT06
65.0 W
5.0 V
0.5 A
7.0 A
5%
24.0 V
0.2 A
2.0 A
5%
-24.0 V
0.1 A
0.5 A
5%
PCM80PT07
Notes
1. Regulation includes initial set tolerance, line regulation and load regulation.
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
Common
Common
Common
2
Common
Output 2
Output 3
3
Output 1
Output 1
Output 1
4
Common
Output 2
Output 2
5
Output 1
Output 1
Output 2
6
Common
Common
Common
7
Output 1
Output 1
Output 1
8
Output 1
Common
Output 3
Shell
Ground
Ground
Ground
Notes:
1. Cable length is 48.0” (1.22m) approx.
2. Optional output connectors available, contact
sales office.
3. Multi output models include a ferrite bead on
the output connector.
All dimensions are in inches (mm)
Weight: 1.76-1.98 lb (800-900 g) approx.
Tolerance: 0.04 (1.0) maximum
6.63 (168.4)
AC INPUT
IEC 320 INLET
POWER LED
8
6
1
4
2
5
3
7
DC OUTPUT
8 PIN DIN PLUG
† Available from Farnell InOne. See pages 236-237
*Available from Newark InOne. See page 238



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com