Electronic Components Datasheet Search
  English  ▼

X  

PCM50UD10 Datasheet(PDF) 2 Page - XP Power Limited

Part # PCM50UD10
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PCM50UD10 Datasheet(HTML) 2 Page - XP Power Limited

  PCM50UD10 Datasheet HTML 1Page - XP Power Limited PCM50UD10 Datasheet HTML 2Page - XP Power Limited PCM50UD10 Datasheet HTML 3Page - XP Power Limited PCM50UD10 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCM50
Mechanical Details
Maximum
Output Power
Output Voltage
Output Current
Regulation(1)
Model Number
30 W
2.5 V
12.00 A
7%
PCM50US2V5†
40 W
3.3 V
8.00 A
5%
PCM50US3V3†
40 W
5.0 V
8.00 A
5%
PCM50US05†*
42 W
7.0 V
6.00 A
5%
PCM50US07†
45 W
9.0 V
5.00 A
4%
PCM50US09†*
45 W
12.0 V
3.75 A
3%
PCM50US12†*
45 W
15.0 V
3.00 A
3%
PCM50US15†*
50 W
18.0 V
2.77 A
3%
PCM50US18†*
50 W
24.0 V
2.08 A
2%
PCM50US24†*
50 W
28.0 V
1.78 A
2%
PCM50US28†*
50 W
36.0 V
1.38 A
2%
PCM50US36†
50 W
48.0 V
1.04 A
2%
PCM50US48†*
Models and Ratings
Output
Power
Output 1
Output 2
Output 3
Model
Number
Vnom
Imin
Imax
Tol.(1)
Vnom
Imin(4, 5)
Imax
Tol.(1)
Vnom
Imin
Imax
Tol.(1)
26.5 W
+3.3 V
1.0 A
5.0 A
7%
+5.0 V
0.4 A
2.0 A
5%
PCM50UD00†
42.0 W
+3.3 V
0.5 A
5.0 A
7%
+12.0 V
0.2 A
2.0 A
5%
PCM50UD01
42.0 W
+5.0 V
0.2 A
5.0 A
5%
-5.0 V
0.2 A
2.0 A
5%
PCM50UD02†
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+12.0 V
0.2 A
2.0 A
5%
PCM50UD03
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+15.0 V
0.2 A
1.5 A
6%
PCM50UD04
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+24.0 V
0.1 A
1.0 A
5%
PCM50UD05
42.0 W
+5.0 V
0.5 A
5.0 A
5%
-24.0 V
0.1 A
1.0 A
5%
PCM50UD06†
42.0 W
+12.0 V
0.5 A
3.0 A
5%
-12.0 V
0.2 A
1.0 A
5%
PCM50UD07†
42.0 W
+15.0 V
0.5 A
2.0 A
5%
-15.0 V
0.2 A
1.0 A
5%
PCM50UD08†
42.0 W
+5.1 V
0.0 A
5.0 A
5%
+7.2 V
0.2 A
2.6 A
5%
PCM50UD10
42.0 W
+10.5 V
0.2 A
2.0 A
5%
-10.5 V
0.2 A
2.0 A
5%
PCM50UD11
42.0 W
+3.3 V
0.5 A
5.0 A
7%
+12.0 V
0.2 A
2.0 A
5%
-5.0 V
0.0 A
0.8 A
5%
PCM50UT01†
42.0 W
+3.3 V
0.5 A
5.0 A
7%
+12.0 V
0.2 A
2.0 A
5%
-12.0 V
0.0 A
0.8 A
5%
PCM50UT02†
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+12.0 V
0.2 A
2.0 A
5%
-5.0 V
0.0 A
0.8 A
5%
PCM50UT03†
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+12.0 V
0.2 A
2.0 A
5%
-12.0 V
0.0 A
0.8 A
5%
PCM50UT04†*
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+15.0 V
0.2 A
2.0 A
6%
-15.0 V
0.0 A
0.8 A
5%
PCM50UT05†*
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+24.0 V
0.1 A
1.0 A
5%
-12.0 V
0.0 A
0.8 A
5%
PCM50UT06†
42.0 W
+5.0 V
0.5 A
5.0 A
5%
+24.0 V
0.1 A
1.0 A
5%
-24.0 V
0.0 A
0.5 A
5%
PCM50UT07†
Notes
1. Regulation includes initial set tolerance, line regulation and load regulation.
† Available from Farnell InOne. See pages 236-237
*Available from Newark InOne. See page 238
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
Common
Common
Common
2
Common
Common
Common
3
Output
Output 1
Output 1
4
Common
Common
Output 3
5
Output
Output 2
Output 2
Notes:
1. Cable length is 48.0” (1.22m) approx.
2. For mating connector, use standard 5 pin din
180˚ socket.
3. Optional output connectors available, contact
sales office.
4. Multi output models include a ferrite bead on
the output connector.
All dimensions are in inches (mm)
Weight: 0.88-1.21 lb (400-550 g) approx.
Tolerance: 0.04 (1.0) maximum
5.75 (146.0)
AC INPUT
IEC 320 INLET
POWER LED
1
4
2
5
3
DC OUTPUT
5 PIN PLUG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com