Electronic Components Datasheet Search
  English  ▼

X  

WR302 Datasheet(PDF) 2 Page - XP Power Limited

Part # WR302
Description  DC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WR302 Datasheet(HTML) 2 Page - XP Power Limited

  WR302 Datasheet HTML 1Page - XP Power Limited WR302 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
Derating Curve
WR Series
Mechanical Details
Models and Ratings
Input
Voltage(1)
Output
Voltage
Output
Current
Input Current(2)
Efficiency
Model
Number
No Load
Full Load
9-18 VDC
3.3 VDC
1500 mA
25 mA
557 mA
74%
WR200
5.0 VDC
1500 mA
25 mA
801 mA
78%
WR201
12.0 VDC
625 mA
25 mA
762 mA
82%
WR202
15.0 VDC
500 mA
25 mA
762 mA
82%
WR203
±5.0 VDC
±750 mA
30 mA
791 mA
79%
WR204
±12.0 VDC
±310 mA
30 mA
753 mA
83%
WR205
±15.0 VDC
±250 mA
30 mA
753 mA
83%
WR206
18-36 VDC
3.3 VDC
1500 mA
20 mA
271 mA
76%
WR300
5.0 VDC
1500 mA
20 mA
396 mA
79%
WR301
12.0 VDC
625 mA
20 mA
381 mA
82%
WR302
15.0 VDC
500 mA
20 mA
381 mA
82%
WR303
±5.0 VDC
±750 mA
25 mA
386 mA
81%
WR304
±12.0 VDC
±310 mA
25 mA
377 mA
83%
WR305
±15.0 VDC
±250 mA
25 mA
377 mA
83%
WR306
36-72 VDC
3.3 VDC
1500 mA
10 mA
136 mA
76%
WR400
5.0 VDC
1500 mA
10 mA
195 mA
80%
WR401
12.0 VDC
625 mA
10 mA
190 mA
82%
WR402
15.0 VDC
500 mA
10 mA
190 mA
82%
WR403
±5.0 VDC
±750 mA
15 mA
193 mA
81%
WR404
±12.0 VDC
±310 mA
15 mA
188 mA
83%
WR405
±15.0 VDC
±250 mA
15 mA
188 mA
83%
WR406
Notes
1. Nominal input voltage is 12 VDC for WR2xx models, 24 VDC for WR3xx models and 48 VDC for WR4xx models.
2. Input current is at nominal input voltage.
0.02
(0.5)
0.18
(4.5)
0.10
(2.5)
1.25
(31.8)
0.4
(10.2)
0.15
(3.8)
23
22
2
3
9
10
11
16
15
14
0.60 (15.2)
0.80 (20.3)
-20 -10
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
Ambient Temperature (ºC)
0
PIN CONNECTIONS
Pin
Single Output
Dual Output
2
-V input
-V input
3
-V input
-V input
9
N/C
Common
10
N/C
N/C
11
N/C
-V output
14
+V output
+V output
15
N/C
N/C
16
-V output
Common
22
+V input
+V input
23
+V input
+V input
All dimensions are in inches (mm)
Weight: 0.08 lbs (35 g) approx.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com