Electronic Components Datasheet Search
  English  ▼

X  

WD303 Datasheet(PDF) 2 Page - XP Power Limited

Part # WD303
Description  DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WD303 Datasheet(HTML) 2 Page - XP Power Limited

  WD303 Datasheet HTML 1Page - XP Power Limited WD303 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.xpplc.com
sales@xpplc.com
Mechanical Details
1. Nominal input voltage 5, 12, 24 or 48 VDC.
2. For optional 10 W version: Add Suffix ‘L’ to WD2xx and WD3xx, except models WD200 and WD300.
3. UL1950 approvals available on 10 W models only. Add suffix ‘LU’ to models WD1xx, WD2xx or WD3xx, not available on WD5xx series.
4. Input current is at nominal input voltage.
Notes
Dimensions in inches (mm)
OUTPUT VOLTAGE & CURRENT RATINGS
WD
Input
Output
Output
Input Current(4)
Efficiency
Model
Voltage(1)
Voltage
Current
No Load
Full Load
Number(2,3)
5.0 VDC
1600 mA
15 mA
2130 mA
75%
WD501
12.0 VDC
666 mA
15 mA
2100 mA
76%
WD502
4.7-9.0 VDC
15.0 VDC
533 mA
15 mA
2100 mA
76%
WD503
±12.0 VDC
±333 mA
15 mA
2100 mA
76%
WD504
±15.0 VDC
±266 mA
15 mA
2100 mA
76%
WD505
±5.0 VDC
±800 mA
15 mA
2100 mA
76%
WD506
3.3 VDC
3000 mA
20 mA
1056 mA
76%
WD100
5.0 VDC
2000 mA
30 mA
1100 mA
76%
WD101
12.0 VDC
830 mA
30 mA
1065 mA
78%
WD102
9-18 VDC
15.0 VDC
666 mA
30 mA
1065 mA
78%
WD103
±12.0 VDC
±415 mA
40 mA
1065 mA
78%
WD104
±15.0 VDC
±333 mA
40 mA
1065 mA
78%
WD105
±5.0 VDC
±1000 mA
40 mA
1065 mA
78%
WD106
3.3 VDC
3000 mA
20 mA
543 mA
76%
WD200
5.0 VDC
3000 mA
20 mA
800 mA
78%
WD201
12.0 VDC
1250 mA
20 mA
780 mA
80%
WD202
18-36 VDC
15.0 VDC
1000 mA
20 mA
780 mA
80%
WD203
±12.0 VDC
±625 mA
30 mA
780 mA
80%
WD204
±15.0 VDC
±500 mA
30 mA
780 mA
80%
WD205
±5.0 VDC
±1500 mA
30 mA
780 mA
80%
WD206
3.3 VDC
3000 mA
15 mA
272 mA
76%
WD300
5.0 VDC
3000 mA
10 mA
390 mA
80%
WD301
12.0 VDC
1250 mA
10 mA
380 mA
82%
WD302
36-72 VDC
15.0 VDC
1000 mA
10 mA
380 mA
82%
WD303
±12.0 VDC
±625 mA
15 mA
380 mA
82%
WD304
±15.0 VDC
±500 mA
15 mA
380 mA
82%
WD305
±5.0 VDC
±1500 mA
15 mA
380 mA
82%
WD306
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+ Input
+ Input
2
- Input
-Input
3
+Output
+Output
4
No Pin
Common
5
-Output
-Output
Rev 3.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com