Electronic Components Datasheet Search
  English  ▼

X  

EB-ACDC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # EB-ACDC
Description  100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-ACDC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  EB-ACDC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EB-ACDC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. EB-ACDC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. EB-ACDC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1. Decimal Point Placement: DATEL ships the DMS-EB-AC/DC with
all decimal point solder gaps (SG1, SG2, SG3 and SG4) open. To
enable a specific decimal point, close its respective solder gap with
solder. When reassigning decimal places for subsequent applications,
remember to open any previously closed solder gaps.
Close SG1 for 1.999 (DP1)
Close SG2 for 19.99 (DP2)
Close SG3 for 199.9 (DP3)
Close SG4 for 1999.9 (DP4 on DMS-40LCD)
2. Span (Gain) and Zero (Offset) Adjustments (See Figure 3): Loca-
tions are included on the DMS-EB-AC/DC to add user-supplied potenti-
ometers R4 and R5. Recommended values for these two components
are as follows: R4: 2KΩ, 10-20-turns; R5: 50KΩ, 10-20 turns. Vishay's
T93YA series potentiometers are suitable for this application. Make
sure to use only RoHS-compliant components and solders when mak-
ing modifications to DMS-EB-AC/DC.
Once installed, these components permit the span and zero adjust-
ments described in the following sections. R4 provides span adjust,
while R5 applies and offset voltage to (-) IN LO (J1, pin 2).
Using Potentiometer R4 for Span Adjustment (DMS-30PC and DMS-
30LCD Meters Only)
1. For DMS-30-1, -2, and -3 models (+/-2V, +/-20V, +/-200V ranges):
Configuring the DMS-EB-AC/DC for span adjustment is simply a
matter of installing potentiometer R4, opening SG13, and then clos-
ing SG8, SG11, and SG12.
2. For DMS-30-0 models (+/-200mV ranges): Span adjustment re-
quires that you open SG8, SG11 (if closed) and SG13 and then close
SG7, SG and SG12. Then install R4.
Adjust span as desired. DMS-30-1, -2, and -3 span adjustment
range is typically +10% and –5%. The DMS-30-0 has a much wider
span adjust, however, it should be limited to ±10% for optimum
accuracy and stability.
Using Potentiometer R5 to Apply a Positive Offset to Pin 12 (-) IN LO
1. Open SG14 and close SG6.
2. Install 50K potentiometer R5.
Potentiometer R5 applies a stable, positive dc-offset voltage to
the meter’s IN LO terminal. This offset voltage has a range of 0 to
+1.2Vdc, measured with respect to TB1 terminal 2 (LO). It can be
used to null (or cancel) the effects of an input whose zero level is
not exactly zero volts. For example, adjusting R5 allows the display
to read “000” with an input whose lowest level is slightly above
zero volts. Please note, R5 cannot compensate for inputs whose
zero level is negative (i.e., if TB1 HI is more negative than TB1 LO).
3. Measuring Input Voltages Greater than 1.999Vdc (Use DMS-30-
0 or DMS-30-1 Only): If possible, the resistors used for R1 and R2
should be ±1% metal-film types with TCR’s less than or equal to
100ppm/°C. More information on selecting 1% resistors can be found
in Application Note 14.
CAUTION: Do not apply inputs greater than +/-250Vdc.
1. Open SG10. For applications in which input voltages exceed
±100Vdc, also cut the 2 adjoining traces.
2. Configure the DMS-EB-AC/DC for span adjust using the procedure
previously outlined.
3. Calculate values for R1 and R2 as follows:
A typical value for R1 is 1MΩ. The sum of R1 + R2 should be
between 50kΩ and 10MΩ.
R2 = (FSI x R1) / ( |Vin| - FSI)
Where:
FSI = The attenuated voltage between the meter’s (–) IN LO and
(+) IN HI pins (pins 12 and 11, respectively) needed to achieve the
desired display readings
Vin = Input signal at TB1 terminals 1 and 2, disregarding polarity
APPLICATIONS
12
1
R3
SG3 (DP3)
SG2 (DP2)
SG1 (DP1)
SG9
SG11
SG6
SG10
SG14
SG7
SG8
SG13
SG4
SG12
TB1
TB2
HI(+)
LO(–)
AC LO
AC HI
12
12
DP4
Figure 2. DMS-EB-AC/DC Board
DMS-EB-AC/DC
100-264Vac Power Supply
Accessory Board for DMS-30PC/LCD Panel Meters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_DMS-EB-AC/DC.B01 Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com