Electronic Components Datasheet Search
  English  ▼

X  

NKA0315SC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NKA0315SC
Description  Isolated Sub-Miniature 1W Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NKA0315SC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NKA0315SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NKA0315SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NKA0315SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NKA0315SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KDC_NKAC.I02 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NKA Series
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 14 PIN DIP
Pin
Function
1-VIN
7NC
8OV
9+VOUT
11
-VOUT
14
+VIN
PIN CONNECTIONS - 6 PIN SIP
Pin
Function
1+VIN
2-VIN
4-VOUT
5OV
6+VOUT
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 1.4g (SIP) 1.9g (DIP)
TOLERANCE ENVELOPES
100
75
50
25
10
-7%
+9%
Output Load Current (%)
+1%
-15%
-7%
+1%
Typical
Load Line
V
NOM
3.3V output types.
All other types.
+10%
Output Load Current (%)
+5%
-7.5%
-2.5%
+2.5%
Typical Load
Line
V
NOM
100
75
50
25
10
TEMPERATURE DERATING GRAPHS
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
120°C
NKA0303DC/SC, 0305DC/SC
0309DC/SC, 0505DEC/SEC
types only.
All other types.
0.012 (0.30)
0.008 (0.20)
0.10 (2.54)
0.768 (19.50)
0.213 (5.40)
0.181 (4.60)
0.142 (3.60)
0.043 (1.09)
0.600 (15.24)
0.0196±0.00196 (0.50±0.05)
0.084 (2.13)
0.300 (7.62)
17
14
11
9
8
0.386 (9.80)
NKA0505DC
XYYWW
0.652 (16.55)
0.234 (5.95)
0.297
(7.55)
0.181 (4.60)
0.142 (3.60)
0.012(0.30)
0.008(0.20)
0.50(12.70)
0.049
(1.25)
0.066±0.02
(1.675±0.50)
0.024 (0.60)
0.020 (0.50)
0.10 (2.54)
12
456
0.0196±0.00196 (0.50±0.05)
NKA0515SC
XYYWW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com