Electronic Components Datasheet Search
  English  ▼

X  

LSM-1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LSM-1
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LSM-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Input
Input Voltage Range
4.5 to 5.5 Volts (5V nominal)
Input Current:
Normal Operating Conditions
See Ordering Guide
Inrush Transient
0.01A2sec
Standby/Off Mode
8mA
Output Short-Circuit Condition
110mA average
Input Reflected Ripple Current
10mAp-p
Input Filter Type
Capacitive (44μF)
Overvoltage Protection
None
Reverse-Polarity Protection
None
Undervoltage Shutdown
None
On/Off Control
On = open (internal pull-up to +VIN)
Off = 0 to +0.8V (1ma max.)
Output
VOUT Accuracy (50% load)
±1% maximum
Minimum Loading
No load
Maximum Capacitive Load
1000μF (low ESR, OSCON)
VOUT Trim Range
±10% (0.8V not trimmable)
Ripple/Noise (20MHz BW)
See Ordering Guide
Total Accuracy
3% over line/load temperature
Efficiency
See Ordering Guide
Overcurrent Detection and Short-Circuit Protection:
Current-Limiting Detection Point
17 (13-23.5) Amps
Short-Circuit Detection Point
98% of VOUT set
SC Protection Technique
Hiccup with auto recovery
Short-Circuit Current
600mA average
Dynamic Characteristics
Transient Response (50% load step)
100μsec to ±2% of final value
Start-Up Time:
VIN to VOUT
7msec
On/Off to VOUT
6msec
Switching Frequency:
300kHz (+40/–50kHz)
Environmental
Calculated MTBF
2.3 -1.8 million hours (1VOUT to 5VOUT)
Operating Temperature: (Ambient)
Without Derating (Natural convection) –40 to +65/71°C (model dependent)
With Derating
See Derating Curves
Thermal Shutdown
+115°C (110 to 125°C)
Physical
Dimensions
1.3" x 0.53" x 0.34" (33.02 x 13.46 x 8.64 mm)
Pin Dimensions/Material
0.112" x 0.062" (2.84 x 1.57mm) rectangular
copper with gold plate over nickel underplate
Weight
0.28 ounces (7.8g)
Flammability Rating
UL94V-0
Safety
UL/cUL/IEC/EN 60950,
CSA-C22.2 No. 60950
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage and full-load conditions unless noted.
All models are tested and specified with external 22μF tantalum input and output capacitors.
These capacitors are necessary to accommodate our test equipment and may not be
required to achieve specified performance in your applications. All models are stable and
regulate within spec under no-load conditions.
See Technical Notes and Performance Curves for details.
The On/Off Control (pin 1) is designed to be driven with open-collector logic or the appli-
cation of appropriate voltages (referenced to Common, pin 3). Applying a voltage to On/Off
Control when no input voltage is applied to the converter may cause permanent damage.
Output noise may be further reduced with the installation of additional external output
filtering. See I/O Filtering and Noise Reduction.
MTBF’s are calculated using Telcordia SR-332(Bellcore), ground fixed, TA = +25°C, full
power, natural convection, +67°C pcb temperature.
TECHNICAL
NOTES
Input Voltage:
Continuous or transient
6 Volts
On/Off Control (Pin 1)
+VIN
Input Reverse-Polarity Protection
None
Output Overvoltage Protection
None
Output Current
Current limited. Devices can
withstand sustained output
short
circuits
without damage.
Storage Temperature
–40 to +125°C
Lead Temperature (soldering, 10 sec.)
See Reflow Solder Profile
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in the
Performance/Functional Specifications Table is not implied.
Absolute Maximum Ratings
I/O Filtering and Noise Reduction
All models in the LSM D3 Series are tested and specified with external
22μF tantalum input and output capacitors. These capacitors are necessary
to accommodate our test equipment and may not be required to achieve
desired performance in your application. The LSM D3's are designed with
high-quality, high-performance internal I/O caps, and will operate within spec
in most applications with no additional external components.
In particular, the LSM D3's input capacitors are specified for low ESR
and are fully rated to handle the units' input ripple currents. Similarly, the
internal output capacitors are specified for low ESR and full-range frequency
response. As shown in the Performance Curves, removal of the external
22μF tantalum output caps has minimal effect on output noise.
In critical applications, input/output ripple/noise may be further reduced using
filtering techniques, the simplest being the installation of external I/O caps.
External input capacitors serve primarily as energy-storage devices. They
minimize high-frequency variations in input voltage (usually caused by IR
drops in conductors leading to the DC/DC) as the switching converter draws
pulses of current. Input capacitors should be selected for bulk capacitance
(at appropriate frequencies), low ESR, and high rms-ripple-current ratings.
The switching nature of modern DC/DC's requires that the dc input voltage
source have low ac impedance at the frequencies of interest. Highly induc-
tive source impedances can greatly affect system stability. Your specific
system configuration may necessitate additional considerations.
Figure 2. Measuring Input Ripple Current
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 3 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com