Electronic Components Datasheet Search
  English  ▼

X  

NFA016 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # NFA016
Description  Non-Isolated 16A SIP/SMT DC/DC Converters
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFA016 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button NFA016 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. NFA016 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Murata Power Solutions
16
NFA016_6200890000_B01_21/04/08
Non-Isolated 16A SIP/SMT DC/DC Converters
VOLANT NFA016 Series
SMT16W-12S05A Vo:2.0V (Eff Vs Io)
70%
75%
80%
85%
90%
95%
100%
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Current Load (A)
6V
12V
14V
Fig 26. SMT Efficiency Curves for Vout=2.0V (25C)
SIP16W-12S05A Vo: 2.0V (Eff Vs Io)
70%
75%
80%
85%
90%
95%
100%
0
123
456
7
8
9
10
11
12
13
14
15
16
Current Load (A)
6V
12V
14V
Fig 27. SIP Efficiency Curves for Vout=2.0V (25C)
NFA016 SMT Efficiency Curve Vout=2.0V
NFA016 SIP Efficiency Curve Vout=2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com