Electronic Components Datasheet Search
  English  ▼

X  

NX301-U4D Datasheet(PDF) 2 Page - C&D Technologies

Part # NX301-U4D
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NX301-U4D Datasheet(HTML) 2 Page - C&D Technologies

  NX301-U4D Datasheet HTML 1Page - C&D Technologies NX301-U4D Datasheet HTML 2Page - C&D Technologies NX301-U4D Datasheet HTML 3Page - C&D Technologies NX301-U4D Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NX301 3/98 REV B
Page 2
Input Specifications
Remote Sense
Remote Sense is provided on Output #1 and will
compensate for 0.7V of line drop. Remote Sense leads
are protected against open, short and reversal.
Remote On/Off
The power supply is turned on with a TTL logic ‘1’ (or open)
signal and turned off by a switch closure or TTL logic ‘0’
referenced to (-) sense terminal. Consult the factory for
other options.
Over Voltage Protection
Output #1: 6.5V ± 0.5 VDC.
The power supply will latch off until AC power is cycled.
Over Current Protection
Individual current limit on all outputs. Automatic recovery
upon fault removal.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 200
μsec for a 25% load step
change.
Output Isolation
All outputs are fully isolated.
Power Fail Signal
Upon AC input voltage removal, the power fail signal drops
to logic zero at least 5msec before loss of DC output. On
AC input turn-on, signal remains low until outputs are in
regulation. Consult the factory for other options.
N + 1 Load Share
Output #1 has active load sharing circuitry. Units will load
share within 1.5% of Maximum Rated Load.
Over Temperature Protection
Thermal switch turns off power supply if overheating occurs
and automatically restarts.
Safety
UL Recognized: UL File Number E14675 (1950 & 1012)
CSA Certified: CSA File Number LR 9070-154C
(C22.2 No. 234-M90, Level 6)
TUV License Number: R9576031 (EN60950) (IEC950)
Cooling
The unit is designed to operate with 30 CFM of airflow.
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
47-63 Hz
90
264
VAC
Inrush Current Limiting
120VAC, cold start
35
APK
240VAC, cold start
70
APK
Efficiency
120V
120V, full load
70
%
240V
240V, full load
75
%
Power Factor Correction (PFC)
0.99
Meets IEC 1000-4-7/EN61000-3-2 (formerly IEC 555-2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com