Electronic Components Datasheet Search
  English  ▼

X  

RM24150 Datasheet(PDF) 2 Page - C&D Technologies

Part # RM24150
Description  MODULAR SWITCHED MODE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM24150 Datasheet(HTML) 2 Page - C&D Technologies

  RM24150 Datasheet HTML 1Page - C&D Technologies RM24150 Datasheet HTML 2Page - C&D Technologies RM24150 Datasheet HTML 3Page - C&D Technologies RM24150 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A4RM24150 5/98 REV A
Page 2
MEASUREMENTS OF RM24150
Module
Weight
25 lbs.
Height
7U (12.25”)
Depth
15.25”
Width
5.1”
Shelf*
Weight
18 lbs.
Height
7U (12.25”)
Depth
15..25” maximum
Width
23” rack mount
Input Specifications
Hot Swappable Modules
These shelf-mounted modules are easy and safe to install
or remove while system is operational without affecting
the overall system’s performance.
Parallel Operation and Automatic Load Sharing
Forced or passive load sharing is available between
modules of the same operating voltages in parallel
applications.
Current Limit
The Current Limit is adjustable between 0A to 150A. Upon
exceeding this limit, the rectifier automatically reduces
output voltage.
Safety
UL/CUL Recognized: UL 1950/CSA 950
File Number: E181908.
GENERAL FEATURES
*These measurements are specifically for the 600A Power Shelf for up to 4 quantity RM24150.
Please consult factory for other shelf and power plant options.
}
}
All control inputs
are initiated with
a ground closure
24VAC voltage
reference to
ground
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
45 - 65 Hz, single phase, no taps required
183
264
VAC
Current
Adjustable
27
A
Efficiency
>85
%
Power Factor Correction (PFC)
>.99
Alarm Outputs
Rectifier Fail Alarm
(RFA)
Thermal Shutdown Occurring
(THSD)
Open Sense Lead Has Occurred
(OS)
AC Power Has Failed Alarm
(ACF)
DC Breaker Is Open Alarm
(DCBKR)
AC Breaker Is Open Alarm
(ACBKR)
Note: All alarms are “Form A” relay type contacts
Control Inputs
High Voltage Shutdown
(HVSD)
Restart
(RS)
Equalize
(EQ)
Temporary Restraint
(TR)
Emergency Shutdown
(EMSD)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com