Electronic Components Datasheet Search
  English  ▼

X  

HPR210 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HPR210
Description  HPR203 MINIATURE SIP DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR210 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HPR210 Datasheet HTML 1Page - Murata Power Solutions Inc. HPR210 Datasheet HTML 2Page - Murata Power Solutions Inc. HPR210 Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
HPR2XX REV E MPS 12/08
Device Family
HPR Indicates DC/DC Converter
Model Number
Selected From Table Above
Screening Option
ORDERING INFORMATION
ELECTRICAL SPECIFICATIONS
HPR 2XX /H
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
RIPPLE
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
CURRENT
EF-
FICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
HPR203
5
±5.2
±73
70
820
35
74
HPR204
5
±12
±30
75
750
35
80
HPR205
5
±15
±25
75
750
35
80
HPR210
12
±12
±30
30
305
15
82
HPR211
12
±15
±25
30
300
15
84
HPR216
15
±12
±30
20
240
15
83
HPR217
15
±15
±25
20
240
20
84
HPR221
24
±5.0
±75
20
170
20
74
HPR223
24
±15
±25
20
155
20
81
Note: Other input to output voltage options may be available. Please consult factory.
COMMON SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
Voltage Rise Time
1
V/μsec
In Rush Current
At Startup
Amps
ISOLATION
Rated Voltage
Input to Output, Channel to Channel
750
VDC
Test Voltage
60 Hz, 10 seconds
750
Vpk
Resistance
10
G
Capacitance
30
pF
Leakage Current
V
ISO= 240VAC, 60Hz
4
μArms
OUTPUT
Total Rated Power
3
W
Rated Power Each Channel
750
mW
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
40
mVp-p
BW =10Hz to 2MHz
7
mVrms
Voltage
I
L=1mA, VOUT =
5V
8
VDC
I
L=1mA, VOUT = 12V
17
VDC
I
L=1mA, VOUT = 15V
20
VDC
Temperature Coefficent
.05
%/Deg C
REGULATION
Line Regulation
High Line to Low Line
1
%/%V
IN
Load Regulation (5V out only)
Rated Load to 1mA Load
10
%
Load Regulation (All other Models)
Rated Load to 1mA Load
3
%
GENERAL
Switching Frequency
300
kHz
Package Weight
7
g
Frequency Change
Rated Load to 1mA Load
5
%
High Line to Low Line
20
%
MTTF per MIL-HDBK-217, Rev. E
Circuit Stress Method
Ground Benign
T
A = +25°C
1.8
MHr
Fixed Ground
T
A = +35°C
450
kHr
Naval Sheltered
T
A = +35°C
270
kHr
Airborne Uninhabited Fighter
T
A = +35°C
45
kHr
TEMPERATURE
Specification
-25
+25
+85
°C
Operation
-40
+100
°C
Storage
-40
+110
°C
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation............................................................................1.2W
Short Circuit Protection.......................................................................< 1 second
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com