Electronic Components Datasheet Search
  English  ▼

X  

TPS_TXD2000 Datasheet(PDF) 3 Page - C&D Technologies

Part # TPS_TXD2000
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TPS_TXD2000 Datasheet(HTML) 3 Page - C&D Technologies

  TPS_TXD2000 Datasheet HTML 1Page - C&D Technologies TPS_TXD2000 Datasheet HTML 2Page - C&D Technologies TPS_TXD2000 Datasheet HTML 3Page - C&D Technologies TPS_TXD2000 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TXD2000 2/2000 REV A
Page 3
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES
product for use in life support devices/systems or in aircraft control applications.
Product Features
Features
Characteristic
Remote Sense
500mV compensation
Active Current Sharing
Single Wire; 5% current share if outputs are over 25% of rated load
ORing Diode
Optional (not available on modules below 12V)
OVP
125% of nominal (+7.5%)
Thermal Shutdown
Automatic Restart
DC OK Signal
Logic “1” when output is within +3% of nominal
Power Fail Warning
Transition to Logic “0” at least 5msec before loss of output regulation
Remote Inhibit
Logic “0” applied will inhibit output (referenced to –Sense terminal)
Product Compliances
Approval
Characteristic
UL and cUL
UL1950, 3rd Edition (1)
VDE
EN60950
FCC
Class A requirements for conducted emissions
CISPR 22
Class A requirements for conducted emissions
EN61000-4-2
Electrostatic Discharge, Level 4
EN61000-4-4
Electrical Fast Transients, Level 3
EN61000-4-5
Input Surge Immunity, Level 3
EN61000-3-2
Harmonic Currents, Class A
CE Mark
Low Voltage Directive
Notes: (1) UL1950, 3rd Edition incorporates the requirements of CSA 950.
TXD2000
F
L
L
H
Ordering Information
OUTPUT VOLTAGES
A = 5V
G = 36V
B = 12V
H = 48V
C = 15V
J = 20V
D = 18V
K = 3.3V
E = 24V
L = 2.5V
F = 28V
Model Designation
BASE MODEL
Chassis: “8” = 5” x 8” x 12”; “M” = modified
Output Voltage Module A: (see chart below)
Output Voltage Module B: (see chart below)
Standard Fan: “F”:
Remote Inhibit - TTL Logic Level “0” turns the power supply OFF:
Power Fail Warning - TTL Logic Level “0” indicates AC is LOST:
ORing Diode - “D” indicates an ORing Diode is installed in each module; “N” = None:
DC OK - TTL Logic Level “1” indicates DC is OK:
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com