Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DGV Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AHCT240DGV
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT240DGV Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHCT240DGV Datasheet HTML 1Page - Texas Instruments SN74AHCT240DGV Datasheet HTML 2Page - Texas Instruments SN74AHCT240DGV Datasheet HTML 3Page - Texas Instruments SN74AHCT240DGV Datasheet HTML 4Page - Texas Instruments SN74AHCT240DGV Datasheet HTML 5Page - Texas Instruments SN74AHCT240DGV Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN54AHCT240, SN74AHCT240
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS252K – OCTOBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT240
SN74AHCT240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5.4*
7.4*
1*
8.5*
1
8.5
ns
tPHL
A
Y
CL = 15 pF
5.4*
7.4*
1*
8.5*
1
8.5
ns
tPZH
OE
Y
CL =15 pF
7.7*
10.4*
1*
12*
1
12
ns
tPZL
OE
Y
CL = 15 pF
7.7*
10.4*
1*
12*
1
12
ns
tPHZ
OE
Y
CL =15 pF
8.3*
10.4*
1*
12*
1
12
ns
tPLZ
OE
Y
CL = 15 pF
8.3*
10.4*
1*
12*
1
12
ns
tPLH
A
Y
CL =50 pF
5.9
8.4
1
9.5
1
9.5
ns
tPHL
A
Y
CL = 50 pF
5.9
8.4
1
9.5
1
9.5
ns
tPZH
OE
Y
CL =50 pF
8.2
11.4
1
13
1
13
ns
tPZL
OE
Y
CL = 50 pF
8.2
11.4
1
13
1
13
ns
tPHZ
OE
Y
CL =50 pF
8.8
11.4
1
13
1
13
ns
tPLZ
OE
Y
CL = 50 pF
8.8
11.4
1
13
1
13
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHCT240
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOH(V)
Quiet output, minimum dynamic VOH
4.1
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com