Electronic Components Datasheet Search
  English  ▼

X  

HPR400C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HPR400C
Description  0.75 Watt Miniature SIP DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR400C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HPR400C Datasheet HTML 1Page - Murata Power Solutions Inc. HPR400C Datasheet HTML 2Page - Murata Power Solutions Inc. HPR400C Datasheet HTML 3Page - Murata Power Solutions Inc. HPR400C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATIONS, ALL MODELS
Specifications are at T
A = +25°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
OUTPUT
Rated Power
750
mW
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
150
200
mVp-p
BW =10Hz to 2MHz
30
40
mVrms
Voltage (Over Input Voltage Range) 1mA to Rated Current, V
OUT = 5V
4.75
7
VDC
1mA to Rated Current, V
OUT = 12V
11.40
15
VDC
1mA to Rated Current, V
OUT = 15V
14.25
18
VDC
Temperature Coefficent
.01
.05
%/°C
REGULATION
Load Regulation (All other modes)
Rated Load to 1mA Load
3
%
GENERAL
ISOLATION
Rated Voltage
1000
VDC
Test Voltage
60 Hz, 60 Seconds
3000
Vpk
Resistance
10
G
Ω
Capacitance
25
100
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
7
μArms
Switching Frequency
170
kHz
Frequency Change
Over Line and Load
24
%
Package Weight
3
g
MTTF per MIL-HDBK-217, Rev. F*
Circuit Stress Method
Ground Benign
T
A = +25°C
7.9
MHr
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-20
2
TEMPERATURE
Specification
-25
+25
+85
°C
Operation
-40
+100
°C
Storage
-40
+110
°C
The HPR4XXC devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected
to a maximum wave temperature of 260°C for a period of no more than 10 seconds. Within this
time and temperature range, the integrity of the device’s plastic body will not be compromised and
internal temperatures within the converter will not exceed 175°C. Care should be taken to control
manual soldering limits identical to that of wave soldering.
SOLDERING INFORMATION
HPR4xxC_B01 Page 2 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
HPR4XXC
0.75 Watt Miniature SIP DC/DC Converter
HPR4XXC.B01 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com