Electronic Components Datasheet Search
  English  ▼

X  

HPR1011C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HPR1011C
Description  1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR1011C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HPR1011C Datasheet HTML 1Page - Murata Power Solutions Inc. HPR1011C Datasheet HTML 2Page - Murata Power Solutions Inc. HPR1011C Datasheet HTML 3Page - Murata Power Solutions Inc. HPR1011C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
ELECTRICAL SPECIFICATIONS
Note: Other input to output voltages may be available. Please contact factory.
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
* For demonstrated MTTF results reference Reliability Report HPR105
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
RIPPLE
EFFICIENCY
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
CURRENT
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
HPR1000C
5
5
200
33
290
8
68
HPR1001C
5
12
83
33
290
8
69
HPR1002C
5
15
67
33
285
8
70
HPR1003C
5
±5
±100
33
285
8
70
HPR1004C
5
±12
±42
33
285
8
70
HPR1005C
5
±15
±34
33
285
8
70
HPR1006C
12
5
200
18
110
10
70
HPR1007C
12
12
83
18
107
10
71
HPR1008C
12
15
67
18
107
10
71
HPR1009C
12
±5
±100
18
107
10
71
HPR1010C
12
±12
±42
18
107
10
71
HPR1011C
12
±15
±34
18
107
10
71
HPR1012C
15
5
200
15
96
10
70
HPR1013C
15
12
83
15
94
10
70
HPR1014C
15
15
67
15
94
10
71
HPR1015C
HPR1016C
15
±12
±42
15
94
10
71
HPR1017C
15
±15
±34
15
94
10
71
HPR1018C
24
5
200
12
60
15
71
HPR1019C
24
12
83
12
60
15
71
HPR1020C
24
15
67
12
58
15
72
HPR1021C
24
±5
±100
12
58
15
72
HPR1022C
24
±12
±42
12
58
15
72
HPR1023C
24
±15
±34
12
58
15
72
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
Voltage Rise Time
See Typical Performance Curves & Application Notes: "Capacitive Loading Effects on Start-Up of DC/DC Converters"
ISOLATION
Rated Voltage
1000
VDC
Test Voltage
60 Hz, 10 Seconds
1000
Vpk
Resistance
10
G
Ω
Capacitance
25
100
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
8.5
μArms
OUTPUT
Rated Power
1.0
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
100
mV
p-p
BW =10Hz to 2MHz
30
mVrms
Voltage
1mA Load, V
OUT =
5V
7
VDC
1mA Load, V
OUT = 12V
15
VDC
1mA Load, V
OUT = 15V
18
VDC
Temperature Coefficent
.01
%/Deg C
REGULATION
Line Regulation
High Line to Low Line
1
%/%Vin
Load Regulation (5V out only)
Rated Load to 1mA Load
10
%
Load Regulation (All other Models)
Rated Load to 1mA Load
3
%
GENERAL
Switching Frequency
170
kHz
Frequency Change
Over Line and Load
24
%
Package Weight
2
g
MTTF per MIL-HDBK-217, Rev. E
Circuit Stress Method
Ground Benign
T
A = +25°C
3.8
MHr
Fixed Ground
T
A = +35°C
1.4
MHr
Naval Sheltered
T
A = +35°C
685
kHr
Airborne Uninhabited Fighter
T
A = +35°C
211
kHr
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-20
2
TEMPERATURE
Specification
-25
+25
+65
°C
Storage
-50
+110
°C
TDC_HPR10XXC.C00 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HPR10XXC
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com